Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1402314-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 1402314-1
Description  RF Coax Products
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1402314-1 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 1402314-1 Datasheet HTML 3Page - Tyco Electronics 1402314-1 Datasheet HTML 4Page - Tyco Electronics 1402314-1 Datasheet HTML 5Page - Tyco Electronics 1402314-1 Datasheet HTML 6Page - Tyco Electronics 1402314-1 Datasheet HTML 7Page - Tyco Electronics 1402314-1 Datasheet HTML 8Page - Tyco Electronics 1402314-1 Datasheet HTML 9Page - Tyco Electronics 1402314-1 Datasheet HTML 10Page - Tyco Electronics 1402314-1 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 320 page
background image
7
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
7-16 Series Connectors
Product Facts
Designed for cellular base-
stations, control component,
antenna and broadcast
applications
Available in White Bronze
plating
Minimizes Intermodulation
Distortion by the use of
non-ferrous materials
Hex knurl for wrench
tightening
Available for several
popular RG cable sizes in
solder-clamp and crimp-
crimp attachment styles
Tyco Electronics offers a
comprehensive range of
7-16 Connectors to suit
today’s challenging Wireless
Infrastructure Market. This
market demands reliable,
intermodulation sensitive
connectors that accommo-
date higher power.
Tyco Electronics 7-16
Coaxial Connector Series
provides reliable, intermod-
ulation- minimizing solutions
that also provide a logical
alternative to N Series con-
nectors in high power appli-
cations where a more
rugged interface design is
required. Typical examples
of this include transmitter to
antenna links and channel
switching networks.
The 7-16 Series conforms to
CECC 22190 and IEC 169-4
specification standards and
has a 2.7kV working voltage
at the connector interface
and maximum power
handling capability of 4kW.
The series has been
designed for these
demanding environments
and can withstand a mini-
mum of 500 mating cycles.
Popular RG cable sizes are
covered in both
solder/clamp and crimp
attachment styles. Two
piece combination connec-
tors adapt to straight or
right-angle configurations,
minimizing the number of
different part codes needed
by the customer. Series N to
7-16 between series
adapters facilitate the transi-
tion between system inter-
faces as well as providing a
test interface.
The increased customer
demand for greater channel
capacity combined with
increased sensitivity of
receivers has exposed the
IMD (Intermodulation
Distortion) phenomenon.
To address this problem
7-16 Connectors have been
designed to reduce
IMD through the use of non-
ferrous base materials and
by silver plating of the elec-
trical path. The proprietary
White Bronze plating tech-
nique is standard, providing
high corrosion resistance,
low porosity, scratch
resistance, low RF loss
and a non-magnetic finish.
Incorporation of hex-knurl
coupling nuts allow for
hand or wrench tightening
of connectors, depending
upon the application.
Tyco Electronics is a
global ISO 9001 certified
manufacturer and maintains
a complete in-house
Intermodulation Testing
facility. Connector part
numbers shown form just a
small part of the extensive
interconnect package that
Tyco Electronics offers for
the professional wireless
and telecom markets.
Related Product Data
N Connectors — Pages 20-25
Application Notes —
White Bronze — Appendix B
Intermodulation — Appendix C
Between Series Adapters
For 7-16 Series Between Series
Adapters, see pages 251-260.


Similar Part No. - 1402314-1

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
1402300820MI METZ-1402300820MI Datasheet
173Kb / 5P
   OpDAT Industry LC-D MM adapter insert
2023/02/15 Version: U
logo
PHOENIX CONTACT
1402378 PHOENIX-1402378 Datasheet
1Mb / 10P
   SAC-2P-M12MSB/0,2-915/M12FSBVA - Bus system cable
1402379 PHOENIX-1402379 Datasheet
1Mb / 10P
   SAC-2P-M12MSB/1-915/M12FSB VA - Bus system cable
1402380 PHOENIX-1402380 Datasheet
1Mb / 10P
   SAC-2P-M12MSB/2-915/M12FSB VA - Bus system cable
More results

Similar Description - 1402314-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
SMB MACOM-SMB Datasheet
503Kb / 17P
   RF Coax Connectors
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
AVX Corporation
L06031R2CGSTR AVX-L06031R2CGSTR Datasheet
123Kb / 5P
   For RoHS compliant products, SMD High-Q RF Inductor
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
   CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
Murata Manufacturing Co...
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
   RFM products are now Murata products
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com