Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33FJ06GS102 Datasheet(PDF) 6 Page - Microchip Technology

Part # DSPIC33FJ06GS102
Description  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS102 Datasheet(HTML) 6 Page - Microchip Technology

Back Button DSPIC33FJ06GS102 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ06GS102 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ06GS102 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ06GS102 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ06GS102 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ06GS102 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ06GS102 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS102 Datasheet HTML 9Page - Microchip Technology DSPIC33FJ06GS102 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS80439M-page 6
 2009-2013 Microchip Technology Inc.
5. Module: PWM
When
PWM
module
is
operated
in
Complementary, Redundant and Push-pull output
modes, with Independent Time Base (ITB = 1) and
Independent Fault mode (IFLTMOD = 1) enabled,
the PWMxH and PWMxL outputs should be
affected by the Fault and Current-Limit events as
follows:
• PWMxH is affected by Current-Limit source
(FCLCON<CLSRC>) and the Current-Limit
should be reset at the end of the primary local
time base.
• PWMxL is affected by Fault source
(FCLCON<FLTSRC>) and the Fault should be
reset at the end of the primary local time base.
On silicon revisions affected by this erratum, the
Current-Limit event works correctly for the PWMxH
pin. However, the Fault event is reset by the
secondary local time base although it is not used to
generate the time base value. As a result, the Fault
event on PWMxL pin may not work as expected.
This erratum only applies to the cycle-by-cycle Fault
mode (FLTMOD = 0b01).
Work around
If PWM is in Complementary, Redundant or Push-
Pull mode and (ITB = 1), set SPHASEx to have the
same value as PHASEx. This will ensure that the
Fault event on the PWMxL pin is reset at the start
of the new PWM period for cycle-by-cycle
independent Fault operation.
Affected Silicon Revisions
6. Module: PWM
The independent time base PWM outputs may not
be synchronized with the Master time base PWM
outputs
when
both
modes
are
used
simultaneously.
Work around
To synchronize the Independent PWM outputs
with the Master time base PWM outputs, disable
the Immediate Update Enable bit (IUE = 0), ensure
that the three Least Significant bits of the period
are zero, and that the duty cycle is between 8 ns
and the period minus 0x8.
This work around will not work if the frequency of
the PWM module is being updated on the fly.
Affected Silicon Revisions
7. Module: PWM
In PWM Latched Fault mode, the PWM outputs
may be latched on both the rising as well as the
falling edge of the Fault signal, regardless of the
Fault input polarity selection (set with the
FCLCONx<FLTPOL> bit setting).
Work around
None.
Affected Silicon Revisions
8. Module: PWM
A bit write to the CLMOD bit (bit 8) in the
FCLCONx register or consecutive writes to the
lower byte and higher byte of the FCLCONx
register, causes all other bits of the high byte to be
loaded with zeros.
Work around
Use Word writes for the FCLCONx register instead
of bit or byte writes.
Affected Silicon Revisions
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X


Similar Part No. - DSPIC33FJ06GS102

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
dsPIC33FJ06GS102 MICROCHIP-dsPIC33FJ06GS102 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS102 MICROCHIP-DSPIC33FJ06GS102 Datasheet
3Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ06GS102 MICROCHIP-DSPIC33FJ06GS102 Datasheet
3Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ06GS102 MICROCHIP-DSPIC33FJ06GS102 Datasheet
3Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
dsPIC33FJ06GS102A MICROCHIP-dsPIC33FJ06GS102A Datasheet
3Mb / 352P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
More results

Similar Description - DSPIC33FJ06GS102

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
   PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ32GA002-I-ML MICROCHIP-PIC24FJ32GA002-I-ML Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
   PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
   PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
PIC18F46J50 MICROCHIP-PIC18F46J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
   PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
   Silicon Errata and Data Sheet Clarification
2011
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
   KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
   SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com