Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

917696-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 917696-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

917696-1 Datasheet(HTML) 5 Page - Tyco Electronics

  917696-1 Datasheet HTML 1Page - Tyco Electronics 917696-1 Datasheet HTML 2Page - Tyco Electronics 917696-1 Datasheet HTML 3Page - Tyco Electronics 917696-1 Datasheet HTML 4Page - Tyco Electronics 917696-1 Datasheet HTML 5Page - Tyco Electronics 917696-1 Datasheet HTML 6Page - Tyco Electronics 917696-1 Datasheet HTML 7Page - Tyco Electronics 917696-1 Datasheet HTML 8Page - Tyco Electronics 917696-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 134 page
background image
5
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Table of Contents (Continued)
AMP
Soft Shell
Pin and Socket Connectors
High Density
(Continued)
Mini-Universal MATE-N-LOK Connectors ................................83-94
Product Facts............................................................................................................83
Performance Characteristics................................................................................83-84
Mating Combinations ...............................................................................................85
Contacts, Keying Plug, Wire Seal and Test Probe Contact .......................................86
Housings: Free-Hanging or Panel Mount...........................................................87-88
Hermaphroditic Free-Hanging ................................................................89
Headers, PC Board: Vertical Pin and Blindmate .................................................90-91
Right-Angle Pin .......................................................................92
Recommended PC Board Hole Layouts ...................................93
Plug or Cap Housing Strain Reliefs ..........................................................................94
Mini-Universal MATE-N-LOK Sealed Connectors .......................95-97
Product Facts............................................................................................................95
Performance Characteristics .....................................................................................95
Plug or Cap Housing ................................................................................................96
Individual Wire Seals................................................................................................96
Gang Seals and Contacts..........................................................................................97
Mini-Universal MATE-N-LOK 2 Connectors.............................99-107
Product Facts............................................................................................................99
Performance Characteristics..............................................................................99-100
Contacts and Keying Plug ......................................................................................101
Housings: Free-Hanging .................................................................................101-102
Headers, PC Board: Vertical Pin and Blindmate .............................................103-104
Right-Angle Pin .....................................................................105
Recommended PC Board Hole Layouts .................................106
Mating Combinations .............................................................................................107
(MR) Miniature Rectangular Connectors..............................109-118
Product Facts..........................................................................................................109
Performance Characteristics............................................................................109-110
Mating Combinations .............................................................................................111
Contacts and Keying Plug ......................................................................................112
Housings: Free-Hanging or Panel Mount.......................................................113-114
Recommended Panel Cutouts...............................................................115
Strain Reliefs, Adapting Grommets and Commoning Bars ...................116
Headers, PC Board: Vertical Pin.....................................................................117-118
Recommended PC Board Hole Layouts..........................117-118
VAL-U-LOK Connector System ..........................................119-124
Product Facts .........................................................................................................119
Performance Characteristics ...................................................................................119
Contacts .................................................................................................................120
Housings (Single Row): Panel Mount Plug............................................................121
Free-Hanging Plug ..........................................................121
Receptacle .......................................................................121
Housings (Double Row): Panel Mount Plug ..........................................................122
Free-Hanging Plug .........................................................122
Colored ..........................................................................122
Receptacle ......................................................................122
Pin Headers, PC Board: Vertical and Right-Angle ..................................................123
Blind Mate Headers ................................................................................................124
AMP-DUAC Connectors...................................................125-133
Product Facts .........................................................................................................125
Performance Characteristics ...................................................................................125
Receptacle Housings and Female Contacts.............................................................126
Plug Housings and Male Contacts..........................................................................127
Headers, PC Board: Vertical ...........................................................................128-133
Right-Angle............................................................................133
Strain Relief, 6 Position (for Receptacle or Plug Housing) ......................................127


Similar Part No. - 917696-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
917696-1 MACOM-917696-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917696-1 MACOM-917696-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917696-1 MACOM-917696-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917696-1 MACOM-917696-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results

Similar Description - 917696-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com