Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24AA32A Datasheet(PDF) 6 Page - Microchip Technology

Part # 24AA32A
Description  32K I2C Serial EEPROM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA32A Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24AA32A_13 Datasheet HTML 2Page - Microchip Technology 24AA32A_13 Datasheet HTML 3Page - Microchip Technology 24AA32A_13 Datasheet HTML 4Page - Microchip Technology 24AA32A_13 Datasheet HTML 5Page - Microchip Technology 24AA32A_13 Datasheet HTML 6Page - Microchip Technology 24AA32A_13 Datasheet HTML 7Page - Microchip Technology 24AA32A_13 Datasheet HTML 8Page - Microchip Technology 24AA32A_13 Datasheet HTML 9Page - Microchip Technology 24AA32A_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
24AA32A/24LC32A
DS21713M-page 6
 2002-2012 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
The 24XX32A supports a bidirectional, 2-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as transmitter, while a device
receiving data is defined as a receiver. The bus has to
be controlled by a master device which generates the
Serial Clock (SCL), controls the bus access and gener-
ates the Start and Stop conditions, while the 24XX32A
works as slave. Both master and slave can operate as
transmitter or receiver, but the master device
determines which mode is activated.
4.0
BUS CHARACTERISTICS
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus
is not busy.
• During data transfer, the data line must remain
stable whenever the clock line is high. Changes in
the data line while the clock line is high will be
interpreted as a Start or Stop condition.
Accordingly, the following bus conditions have been
defined (Figure 4-1).
4.1
Bus Not Busy (A)
Both data and clock lines remain high.
4.2
Start Data Transfer (B)
A high-to-low transition of the SDA line while the clock
(SCL) is high determines a Start condition. All
commands must be preceded by a Start condition.
4.3
Stop Data Transfer (C)
A low-to-high transition of the SDA line while the clock
(SCL) is high determines a Stop condition. All
operations must be ended with a Stop condition.
4.4
Data Valid (D)
The state of the data line represents valid data when,
after a Start condition, the data line is stable for the
duration of the high period of the clock signal.
The data on the line must be changed during the low
period of the clock signal. There is one clock pulse per
bit of data.
Each data transfer is initiated with a Start condition and
terminated with a Stop condition. The number of data
bytes transferred between Start and Stop conditions is
determined by the master device and is, theoretically,
unlimited (although only the last thirty-two bytes will be
stored when doing a write operation). When an over-
write does occur, it will replace data in a first-in first-out
(FIFO) fashion.
4.5
Acknowledge
Each receiving device, when addressed, is obliged to
generate an Acknowledge after the reception of each
byte. The master device must generate an extra clock
pulse which is associated with this Acknowledge bit.
The device that acknowledges, has to pull down the
SDA line during the Acknowledge clock pulse in such a
way that the SDA line is stable low during the high
period of the Acknowledge related clock pulse. Of
course, setup and hold times must be taken into
account. During reads, a master must signal an end of
data to the slave by not generating an Acknowledge bit
on the last byte that has been clocked out of the slave.
In this case, the slave (24XX32A) will leave the data
line high to enable the master to generate the Stop
condition.
FIGURE 4-1:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
Note:
The 24XX32A does not generate any
Acknowledge
bits
if
an
internal
programming cycle is in progress.
SCL
SDA
(A)
(B)
(D)
(D)
(A)
(C)
Start
Condition
Address or
Acknowledge
Valid
Data
Allowed
to Change
Stop
Condition


Similar Part No. - 24AA32A_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_10 Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
More results

Similar Description - 24AA32A_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24LC32AIP MICROCHIP-24LC32AIP Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32A-I MICROCHIP-24LC32A-I Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
24AA32A MICROCHIP-24AA32A_10 Datasheet
1,019Kb / 42P
   32K I2C??Serial EEPROM
2010
24LC32ASN MICROCHIP-24LC32ASN Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32AISN MICROCHIP-24LC32AISN Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
24LC32AP MICROCHIP-24LC32AP Datasheet
1Mb / 44P
   32K I2C??Serial EEPROM
2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com