Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR2T10A-4M160I Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OR2T10A-4M160I
Description  Field-Programmable Gate Arrays
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2T10A-4M160I Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OR2T10A-4M160I Datasheet HTML 2Page - List of Unclassifed Manufacturers OR2T10A-4M160I Datasheet HTML 3Page - List of Unclassifed Manufacturers OR2T10A-4M160I Datasheet HTML 4Page - List of Unclassifed Manufacturers OR2T10A-4M160I Datasheet HTML 5Page - List of Unclassifed Manufacturers OR2T10A-4M160I Datasheet HTML 6Page - List of Unclassifed Manufacturers OR2T10A-4M160I Datasheet HTML 7Page - List of Unclassifed Manufacturers OR2T10A-4M160I Datasheet HTML 8Page - List of Unclassifed Manufacturers OR2T10A-4M160I Datasheet HTML 9Page - List of Unclassifed Manufacturers OR2T10A-4M160I Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
6
Lucent Technologies Inc.
Programmable Logic Cells (continued))
Key: C = controlled by configuration RAM.
Figure 3. Simplified PFU Diagram
5-4573(F)
A4
A3
A2
A1
A4
A3
A2
A1
QLUT3
A0
CARRY
CARRY
A3
A2
A1
A0
QLUT2
B4
B3
B2
B1
B4
B3
B2
B1
QLUT1
B0
CARRY
CARRY
B3
B2
B1
B0
QLUT0
CIN
C0
LSR
GSR
WD[3:0]
CK
CKEN
TRI
PFU_XOR
B4
A4
PFU_NAND
PFU_MUX
C
C
C
C
WD3
WD2
WD1
WD0
C
C
C
T
T
T
T
REG3
SR
EN
REG2
SR
EN
REG1
SR
EN
REG0
SR
EN
O4
O3
O2
O1
O0
F3
C
C
COUT
F2
F1
F0
D0
D1
D2
D3
Q0
Q1
Q2
Q3
C
T
T
T
T
C
Figure 2 and Figure 3 show high-level and detailed
views of the ports in the PFU, respectively. The ports
are referenced with a two- to four-character suffix to a
PFU’s location. As mentioned, there are two 5-bit input
data buses (A[4:0] and B[4:0]) to the LUT, one 4-bit
input data bus (WD[3:0]) to the latches/FFs, and an
output data bus (O[4:0]).
Figure 3 shows the four latches/FFs (REG[3:0]) and the
64-bit look-up table (QLUT[3:0]) in the PFU. The PFU
does combinatorial logic in the LUT and sequential
logic in the latches/FFs. The LUT is static random
access memory (SRAM) and can be used for read/
write or read-only memory. The eight 3-state buffers
found in each PLC are also shown, although they actu-
ally reside external to the PFU.
Each latch/FF can accept data from the LUT. Alterna-
tively, the latches/FFs can accept direct data from
WD[3:0], eliminating the LUT delay if no combinatorial
function is needed. The LUT outputs can bypass the
latches/FFs, which reduces the delay out of the PFU. It
is possible to use the LUT and latches/FFs more or
less independently. For example, the latches/FFs can
be used as a 4-bit shift register, and the LUT can be
used to detect when a register has a particular pattern
in it.


Similar Part No. - OR2T10A-4M160I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
OR2T10A LATTICE-OR2T10A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
More results

Similar Description - OR2T10A-4M160I

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com