Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-104895-0 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 6-104895-0
Description  Fine Pitch SMT Stacking Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104895-0 Datasheet(HTML) 3 Page - Tyco Electronics

  6-104895-0 Datasheet HTML 1Page - Tyco Electronics 6-104895-0 Datasheet HTML 2Page - Tyco Electronics 6-104895-0 Datasheet HTML 3Page - Tyco Electronics 6-104895-0 Datasheet HTML 4Page - Tyco Electronics 6-104895-0 Datasheet HTML 5Page - Tyco Electronics 6-104895-0 Datasheet HTML 6Page - Tyco Electronics 6-104895-0 Datasheet HTML 7Page - Tyco Electronics 6-104895-0 Datasheet HTML 8Page - Tyco Electronics 6-104895-0 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
90
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Page_Head (Continued)
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
AMPMODU 50/50 Grid Connector System
Produced under a Quality
Management System
certified to ISO 9001
A copy of the
certificate is available
upon request.
Vertical Headers,
Board-to-Board
(Page 92)
Vertical Headers,
Board-to-Board
(Page 92)
Right Angle Headers,
Board-to-Board (Page 95)
Vertical Headers,
Board-to-Board
(Page 92):
.250 [6.35] Stack Height
.320 [8.13] Stack Height
.390 [9.91] Stack Height
Vertical Receptacles,
Board-to-Board
(Page 91)
Vertical Receptacles,
Board-to-Board
(Page 91)
Receptacles,
Cable-to-Board,
With Latch
(Page 97)
Receptacles,
Cable-to-Board
Without Latch
(Page 97)
ISO
Certified
9001


Similar Part No. - 6-104895-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104892-0 MACOM-6-104892-0 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
6-104893-0 MACOM-6-104893-0 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
6-104894-0 MACOM-6-104894-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
More results

Similar Description - 6-104895-0

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
logo
Omron Electronics LLC
XH4A OMRON-XH4A Datasheet
885Kb / 8P
   Half-pitch Low-profile Stacking Connectors
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Molex Electronics Ltd.
5024305010 MOLEX11-5024305010 Datasheet
485Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking
5015313410 MOLEX11-5015313410 Datasheet
227Kb / 5P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051") Stacking
5024302230 MOLEX11-5024302230 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
5024302030 MOLEX11-5024302030 Datasheet
527Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm (.039") Stacking Height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com