Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT325S6CFR8C-PB Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HMT325S6CFR8C-PB
Description  DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb C-die
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT325S6CFR8C-PB Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HMT325S6CFR8C-PB Datasheet HTML 3Page - Hynix Semiconductor HMT325S6CFR8C-PB Datasheet HTML 4Page - Hynix Semiconductor HMT325S6CFR8C-PB Datasheet HTML 5Page - Hynix Semiconductor HMT325S6CFR8C-PB Datasheet HTML 6Page - Hynix Semiconductor HMT325S6CFR8C-PB Datasheet HTML 7Page - Hynix Semiconductor HMT325S6CFR8C-PB Datasheet HTML 8Page - Hynix Semiconductor HMT325S6CFR8C-PB Datasheet HTML 9Page - Hynix Semiconductor HMT325S6CFR8C-PB Datasheet HTML 10Page - Hynix Semiconductor HMT325S6CFR8C-PB Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Rev. 1.0/Sep. 2012
7
SDA
I/O
This bidirectional pin is used to transfer data into or out of the SPD EEPROM. A resistor
must be connected from the SDA bus line to VDDSPD on the system planar to act as a
pullup.
SCL
IN
This signal is used to clock data into and out of the SPD EEPROM. A resistor may be con-
nected from the SCL bus time to VDDSPD on the system planar to act as a pullup.
EVENT
OUT
(open
drain)
Active Low
This signal indicates that a thermal event has been detected in the thermal sensing
device.The system should guarantee the electrical level requirement is met for the
EVENT pin on TS/SPD part.
No pull-up resister is provided on DIMM.
VDDSPD
Supply
Serial EEPROM positive power supply wired to a separate power pin at the connector
which supports from 3.0 Volt to 3.6 Volt (nominal 3.3V) operation.
RESET
IN
The RESET pin is connected to the RESET pin on the register and to the RESET pin on
the DRAM.
TEST
Used by memory bus analysis tools (unused (NC) on memory DIMMs)
Symbol
Type
Polarity
Function


Similar Part No. - HMT325S6CFR8C-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325S6CFR8A-G7 HYNIX-HMT325S6CFR8A-G7 Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325S6CFR8A-H9 HYNIX-HMT325S6CFR8A-H9 Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325S6CFR8A-PB HYNIX-HMT325S6CFR8A-PB Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
More results

Similar Description - HMT325S6CFR8C-PB

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325S6EFR8C HYNIX-HMT325S6EFR8C Datasheet
1,011Kb / 50P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb E-die
HMT312S6DFR6C HYNIX-HMT312S6DFR6C Datasheet
915Kb / 47P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325S6EFR8A HYNIX-HMT325S6EFR8A Datasheet
1,022Kb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb E-die
HMT312S6DFR6A HYNIX-HMT312S6DFR6A Datasheet
938Kb / 48P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT425S6AFR6C HYNIX-HMT425S6AFR6C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT425S6MFR6C HYNIX-HMT425S6MFR6C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
   DDR3 SDRAM Registered DIMM Based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com