Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-1473712-1 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 9-1473712-1
Description  AMP SUPERSEAL Connectors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-1473712-1 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 9-1473712-1 Datasheet HTML 6Page - Tyco Electronics 9-1473712-1 Datasheet HTML 7Page - Tyco Electronics 9-1473712-1 Datasheet HTML 8Page - Tyco Electronics 9-1473712-1 Datasheet HTML 9Page - Tyco Electronics 9-1473712-1 Datasheet HTML 10Page - Tyco Electronics 9-1473712-1 Datasheet HTML 11Page - Tyco Electronics 9-1473712-1 Datasheet HTML 12Page - Tyco Electronics 9-1473712-1 Datasheet HTML 13Page - Tyco Electronics 9-1473712-1 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Quality Guidelines
AMP SUPERSEAL Connectors 1.0 mm System
for the Automotive Market
Catalog 1308072-2
Revised 6-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
8
Terminal damaged
Cut off tab too long
Crimp barrel distorted
Incorrect
Terminal bend
Conductor Brush protruding into terminal body
Bellmouth on wrong end
Insulation inside the wire crimp
Crimp height too tight
Terminal twisted
Cut off tab deformed
Asymmetric
crimp
Unacceptable
formation excessive
flash and/or cracks
Terminal feed
incorrectly adjusted
Anvil and crimper
not aligned or worn
Insulation is pierced and could damage conductor
Insulation legs are not closed
Insulation material is pierced
Insulation is not securely held
Legs do not overlap
Insulation is not
securely held
Insulation is over
crimped
Incorrect applicator adjustment
INSULATION CRIMP
Wire size too large
Wire size too small
Crimp barrel
does not close
Legs too close
to bottom of crimp.
Insufficient deforma-
tion of strands,
showing voids
Incorrect terminal/wire selection
Crimp height
too loose
Crimp height
too tight
Insufficient
deformation,
showing voids
Flash at under
side of crimp,
due to over crimping
Incorrect crimp height adjustment
WIRE CRIMP
2-Inhalt SUPERSEAL 1.0.qxd
09.06.2008
16:14 Uhr
Seite 8


Similar Part No. - 9-1473712-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1470209-3 MACOM-9-1470209-3 Datasheet
311Kb / 2P
   AMPMODU 2.0mm PITCH REC CONN, VERTICAL MOUNT TYPE
9-1470209-8 MACOM-9-1470209-8 Datasheet
311Kb / 2P
   AMPMODU 2.0mm PITCH REC CONN, VERTICAL MOUNT TYPE
9-147095-0 MACOM-9-147095-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
9-147096-0 MACOM-9-147096-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
9-147099-0 MACOM-9-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
More results

Similar Description - 9-1473712-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
38221 MACOM-38221 Datasheet
186Kb / 9P
   AMP SUPERSEAL 1.5 SERIES
logo
TE Connectivity Ltd
C-282087 TEC-C-282087 Datasheet
465Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 3 POSITIONS PLUG ASSY
C-282090 TEC-C-282090 Datasheet
497Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 6 POSITIONS PLUG ASSY
C-282089 TEC-C-282089 Datasheet
518Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 5 POSITIONS PLUG ASSY
C-282105 TEC-C-282105 Datasheet
142Kb / 1P
   AMP SUPERSEAL 1.5 SRS. 3 POSITIONS TAB ASSY
C-282079 TEC-C-282079 Datasheet
333Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 1 POSITION PLUG ASSY
C-282080 TEC-C-282080 Datasheet
440Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 2 POSITIONS PLUG ASSY
C-282088 TEC-C-282088 Datasheet
400Kb / 2P
   AMP SUPERSEAL 1.5 SRS. 4 POSITIONS PLUG ASSY
logo
Glenair, Inc.
233-341 GLENAIR-233-341 Datasheet
327Kb / 1P
   USB SuperSeal D38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com