Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1415542-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 4-1415542-4
Description  General Purpose Relays Force Guided Relays
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
11-2012, Rev. 1112
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SR6 A/B/C/V
n
6 pole relay with force guided contacts according to EN 50205
n
Reinforced insulation between all contacts
Typical applications
Emergency shut-off, press control, machine control, elevator and escalator
control, safety relays
Approvals
VDE 128935, UL E214025, TUV 968/EL 350, CQC06017015576/77,
CCC 2012010304537809
Technical data of approved types on request
Contact Data
Contact arrangement
3 form A + 3 form B contacts
3 NO + 3 NC,
4 form A + 2 form B contacts
4 NO + 2 NC,
5 form A + 1 form B contacts
5 NO + 1 NC
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
8A
Contact material
AgSnO2,
AgSnO2 + 0.2μm Au
Contact style
single contact, force guided
type A according to EN 50205
Min. recommended contact load
5V, 10mA
Initial contact resistance
≤100mΩ at 1A, 24VDC
≤20Ω at 10mA, 5VDC
Frequency of operation, with/without load
6/150min-1
Contact ratings, IEC60947-5-1,
on 2 form A (NO) contact
AC15-5A
DC13-6A
Mechanical endurance
10x106 operations
Coil Data
Coil voltage range
5 to 110VDC
Max. coil power
1200mW or 800mW
Coil versions, DC-coil 800mW
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
K12
12
9
0.9
180
800
K15
15
11.3
1.5
281
801
K18
18
13.5
1.8
405
800
K21
21
16
2.1
551
800
K24
24
18
2.4
720
800
K36
36
27
3.6
1620
800
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil versions, DC-coil 1200mW
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
005
5
3.8
0.5
21
1190
006
6
4.5
0.6
30
1200
009
9
6.8
0.9
68
1191
012
12
9
1.2
120
1200
018
18
13.5
1.8
270
1200
021
21
16
2.1
368
1198
024
24
18
2.4
480
1200
036
36
27
3.6
1080
1200
040
40
30
4.0
1333
1200
048
48
36
4.8
1920
1200
060
60
45
6
30001)
1200
110
110
83
11
100801)
1200
1) Coil resistance ±12%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
F0206-EA
Z T




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl