Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC2690AO Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC2690AO
Description  Audio Frequency High Frequency Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC2690AO Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC2690AO Datasheet HTML 1Page - Fairchild Semiconductor KSC2690AO Datasheet HTML 2Page - Fairchild Semiconductor KSC2690AO Datasheet HTML 3Page - Fairchild Semiconductor KSC2690AO Datasheet HTML 4Page - Fairchild Semiconductor KSC2690AO Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* PW
≤10ms, Duty Cycle≤50%
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤350µs, Duty Cycle≤2% Pulsed
hFE Classificntion
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: KSC2690
: KSC2690A
120
160
V
V
VCEO
Collector- Emitter Voltage
: KSC2690
: KSC2690A
120
160
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
1.2
A
ICP
*Collector Current (Pulse)
2.5
A
IB
Base Current(DC)
0.3
A
PC
Collector Dissipation (Ta=25°C)
1.2
W
PC
Collector Dissipation (TC=25°C)
20
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB = 120V, IE = 0
1
µA
IEBO
Emitter Cut-off Current
VEB = 3V, IC= 0
1
µA
hFE1
hFE2
* DC Current Gain
VCE = 5V, IC = 5mA
VCE = 5V, IC = 0.3A
35
60
105
140
320
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
0.4
0.7
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
1
1.3
V
fT
Current Gain Bandwidth Product
VCE = 5V, IC = 0.2A
155
MHz
Cob
Output Capacitance
VCB =10V, IE =0, f = 1MHz
19
pF
Classification
R
O
Y
hFE2
60 ~ 120
100 ~ 200
160 ~ 320
KSC2690/2690A
Audio Frequency
High Frequency Power Amplifier
• Complement to KSA1220/KSA1220A
1
TO-126
1. Emitter
2.Collector
3.Base


Similar Part No. - KSC2690AO

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC2690A SAMSUNG-KSC2690A Datasheet
210Kb / 6P
   NPN (AUDIO FREQUENCY, HIGH FREQUENCY POWER AMPLIFIER)
logo
Fairchild Semiconductor
KSC2690A FAIRCHILD-KSC2690A Datasheet
50Kb / 5P
   Audio Frequency High Frequency Power Amplifier
KSC2690A FAIRCHILD-KSC2690A Datasheet
56Kb / 5P
   Audio Frequency High Frequency Power Amplifier
KSC2690A FAIRCHILD-KSC2690A Datasheet
56Kb / 5P
   Audio Frequency High Frequency Power Amplifier
logo
Foshan Blue Rocket Elec...
KSC2690A FOSHAN-KSC2690A Datasheet
919Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
More results

Similar Description - KSC2690AO

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2690AYS FAIRCHILD-KSC2690AYS Datasheet
56Kb / 5P
   Audio Frequency High Frequency Power Amplifier
KSA2690 FAIRCHILD-KSA2690 Datasheet
50Kb / 5P
   Audio Frequency High Frequency Power Amplifier
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSC2690AYSTU FAIRCHILD-KSC2690AYSTU Datasheet
56Kb / 5P
   Audio Frequency High Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
logo
Samsung semiconductor
KSC2690 SAMSUNG-KSC2690 Datasheet
210Kb / 6P
   NPN (AUDIO FREQUENCY, HIGH FREQUENCY POWER AMPLIFIER)
logo
Fairchild Semiconductor
FJZ945 FAIRCHILD-FJZ945 Datasheet
217Kb / 5P
   Audio Frequency Amplifier & High Frequency OSC.
KSC3114 FAIRCHILD-KSC3114 Datasheet
25Kb / 3P
   Audio Frequency Amplifier High Frequency OSC.
KSC945 FAIRCHILD-KSC945 Datasheet
42Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
KSC945YBU FAIRCHILD-KSC945YBU Datasheet
48Kb / 4P
   Audio Frequency Amplifier High Frequency OSC.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com