Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

292227-6 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 292227-6
Description  AMP MiNi CT Connector 1.5mm PITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

292227-6 Datasheet(HTML) 4 Page - Tyco Electronics

  292227-6 Datasheet HTML 1Page - Tyco Electronics 292227-6 Datasheet HTML 2Page - Tyco Electronics 292227-6 Datasheet HTML 3Page - Tyco Electronics 292227-6 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 292227-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
292227 MACOM-292227 Datasheet
613Kb / 6P
   1.5 mm AMP Mini CT Connector Series
More results

Similar Description - 292227-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
   AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
292206-2 MACOM-292206-2 Datasheet
613Kb / 6P
   1.5 mm AMP Mini CT Connector Series
292207 MACOM-292207 Datasheet
138Kb / 2P
   AMP MINI CT CONNECTOR 1.5MM PITCH SINGLE ROW POST HDR ASSY DIP STAGGERED TYPE WITH BOSS WITH KINK
2-292246-2 MACOM-2-292246-2 Datasheet
328Kb / 3P
   RECEPTACLE ASSEMBLY FOR AMP 1.5 PITCH MINI CT HYBRID LATTICE CONNECTOR
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
   AMP CT Connector Series
179227-1 MACOM-179227-1 Datasheet
67Kb / 1P
   CRIMP TYPE RECEPTACLE CONTACT (AMP CT CONNECTOR 2MM PITCH)
logo
List of Unclassifed Man...
3-292208-4 ETC-3-292208-4 Datasheet
34Kb / 1P
   Wire to Board Connectors mini CT Connector System Post Header Assemblies
logo
Tyco Electronics
3-770565-1 MACOM-3-770565-1 Datasheet
63Kb / 1P
   MINI AMP-IN
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com