Electronic Components Datasheet Search |
|
1393260-1 Datasheet(PDF) 1 Page - Tyco Electronics |
|
1393260-1 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 3 page 11-2012, Rev. 1112 www.te.com © 2012 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 1 SCHRACK General Purpose Relays Force Guided Relays Force Guided Relay SR6 A/B/C/V n 6 pole relay with force guided contacts according to EN 50205 n Reinforced insulation between all contacts Typical applications Emergency shut-off, press control, machine control, elevator and escalator control, safety relays Approvals VDE 128935, UL E214025, TUV 968/EL 350, CQC06017015576/77, CCC 2012010304537809 Technical data of approved types on request Contact Data Contact arrangement 3 form A + 3 form B contacts 3 NO + 3 NC, 4 form A + 2 form B contacts 4 NO + 2 NC, 5 form A + 1 form B contacts 5 NO + 1 NC Rated voltage 250VAC Max. switching voltage 400VAC Rated current 8A Contact material AgSnO2, AgSnO2 + 0.2μm Au Contact style single contact, force guided type A according to EN 50205 Min. recommended contact load 5V, 10mA Initial contact resistance ≤100mΩ at 1A, 24VDC ≤20Ω at 10mA, 5VDC Frequency of operation, with/without load 6/150min-1 Contact ratings, IEC60947-5-1, on 2 form A (NO) contact AC15-5A DC13-6A Mechanical endurance 10x106 operations Coil Data Coil voltage range 5 to 110VDC Max. coil power 1200mW or 800mW Coil versions, DC-coil 800mW Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10% mW K12 12 9 0.9 180 800 K15 15 11.3 1.5 281 801 K18 18 13.5 1.8 405 800 K21 21 16 2.1 551 800 K24 24 18 2.4 720 800 K36 36 27 3.6 1620 800 All figures are given for coil without pre-energization, at ambient temperature +23°C. Coil versions, DC-coil 1200mW Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10%1) mW 005 5 3.8 0.5 21 1190 006 6 4.5 0.6 30 1200 009 9 6.8 0.9 68 1191 012 12 9 1.2 120 1200 018 18 13.5 1.8 270 1200 021 21 16 2.1 368 1198 024 24 18 2.4 480 1200 036 36 27 3.6 1080 1200 040 40 30 4.0 1333 1200 048 48 36 4.8 1920 1200 060 60 45 6 30001) 1200 110 110 83 11 100801) 1200 1) Coil resistance ±12%. All figures are given for coil without pre-energization, at ambient temperature +23°C. F0206-EA Z T |
Similar Part No. - 1393260-1 |
|
Similar Description - 1393260-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |