Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH40GSONSDH Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # CH40GSONSDH
Description  The industry?셲 most compact 100 G test solution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CH40GSONSDH Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  CH40GSONSDH Datasheet HTML 1Page - JDS Uniphase Corporation CH40GSONSDH Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.jdsu.com/test
North America
Tel: 1 855 ASK-JDSU
1 855 275-5378
Latin America
Tel: +1 954 688 5660
Fax: +1 954 345 4668
Asia Pacific
Tel: +852 2892 0990
Fax: +852 2892 0770
EMEA
Tel: +49 7121 86 2222
Fax: +49 7172 86 1222
COMMUNICATIONS TEST &
MEASUREMENT SOLUTIONS
Product specifications and descriptions in this document subject
to change without notice. © 2013 JDS Uniphase Corporation
30173383 000 0113 TBMTS8000-40100.PS.TFS.TM.AE
T-BERD®/MTS-8000 40/100 G
Transport Module
Part Number
Description
ETB8000EHP
T-BERD-8000 (supports Transport Module) — North America
EM8000EHP
MTS-8000 (supports Transport Module) — outside North America
E80HPW220US
220 W power supply (US)
E80HPW220EU
220 W power supply (EU)
E80HPW220UK
220 W power supply (UK)
CH040103
40/100 G Transport Module — one-level applications
CH043112
40/100 G Transport Module — one- and two-level applications
CH40GE
40 GE test option
CH100GE
100 GE test option
CH40GSONSDH
40 G SONET/SDH test option
CHOTU3
OTN - OTU3 bulk 43 G test option
CHOTU4
OTN - OTU4 bulk 112 G test option
CHCOS
Multiple streams/COS test option
CHJPROOF
J-Proof Layer 2 transparency test option
CHIPV6
IPv6 test option
CHMPLS
MPLS test option
CHREMCTRL
Command line remote control
CH100GEINOTU4
100 GE in OTU4 test application
CH40GSONSDHINOTU3
40 G SONET/SDH mapped in OTU3 test application
CCFP-112G-3-4
CFP 100 GE and OTU4, 1310 nm, 4 λ, LC
CCFP-112G-5-10
CFP 100 GE and OTU4, 1550 nm, 10 λ, LC
CCFP-112G-8-10
CFP 100 GE and OTU4 and 40 GE and OTU3, 850 nm, 10 fibers, MPO connector
CCFP-43G-5-1
Serial CFP OC-768/STM-256, OTU3, 40 GE 1550 nm, LC
CQSFP-43G-3-4
QSFP+ 40 GE (LR4), OTU3 and OC-768/STM-256, 1310 nm, 4 λ, LC
Ordering information


Similar Part No. - CH40GSONSDH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH400026 ETC-CH400026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CH400060 ETC-CH400060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CH400125 ETC-CH400125 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CH400147 ETC-CH400147 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CH400160 ETC-CH400160 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CH40GSONSDH

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS209 LUMILEDS-DS209 Datasheet
3Mb / 20P
   Industry?셲 most compact, highest drive current 3V mid power LED
PB209 LUMILEDS-PB209 Datasheet
1Mb / 2P
   Industry?셲 most compact, highest drive current 3V mid power LED
logo
EXCEL CELL ELECTRONIC C...
2T0612 ECE-2T0612 Datasheet
966Kb / 2P
   Diameter ?? step motor is the industry?셲 most sophisticated micro step motor
logo
Cooper Bussmann, Inc.
CHM1DIU COOPER-CHM1DIU Datasheet
2Mb / 12P
   Compact Modular Fuse Holders With the Industry?셲 Best Ratings
logo
List of Unclassifed Man...
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG232 ETC2-EFM32WG232 Datasheet
3Mb / 72P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
International Rectifier
IRGB14C40LPBF IRF-IRGB14C40LPBF_15 Datasheet
256Kb / 12P
   MOST RUGGED IN INDUSTRY
logo
List of Unclassifed Man...
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
International Rectifier
IRGS14C40LPBF IRF-IRGS14C40LPBF_15 Datasheet
297Kb / 12P
   MOST RUGGED IN INDUSTRY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com