Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5782 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA5782
Description  AVR microcontroller core with 1Kbyte SRAM and 24Kbyte RF library in firmware (ROM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5782 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA5782 Datasheet HTML 1Page - ATMEL Corporation ATA5782 Datasheet HTML 2Page - ATMEL Corporation ATA5782 Datasheet HTML 3Page - ATMEL Corporation ATA5782 Datasheet HTML 4Page - ATMEL Corporation ATA5782 Datasheet HTML 5Page - ATMEL Corporation ATA5782 Datasheet HTML 6Page - ATMEL Corporation ATA5782 Datasheet HTML 7Page - ATMEL Corporation ATA5782 Datasheet HTML 8Page - ATMEL Corporation ATA5782 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Atmel ATA5781 [Summary DATASHEET]
9286BS–RKE–06/13
1.2
System Overview
Figure 1-1.
Circuit Overview
Figure 1-1 shows an overview of the main functional blocks of the Atmel® ATA5781/2/3. External control of the
Atmel ATA5781/2/3 is performed through the SPI pins SCK, MOSI, MISO, and NSS on port B. The configuration of the
Atmel ATA5781/2/3 is stored in the EEPROM and a large portion of the functionality is defined by the firmware located in the
ROM and processed by the AVR. An SPI command can trigger the AVR to configure the hardware according to settings that are
stored in the EEPROM and start up a given system mode (e.g., RXMode, or PollingMode). Internal events such as “Start of
Telegram” or “FIFO empty” are signaled to an external microcontroller on pin 28 (PB6/EVENT).
During the start-up of a service, the relevant part of the EEPROM content is copied to the SRAM. This allows faster access by
the AVR during the subsequent processing steps and eliminates the need to write to the EEPROM during runtime because
parameters can be modified directly in the SRAM. As a consequence the user does not need to observe the EEPROM
read/write cycle limitations.
It is important to note that all PWRON and NPWRON pins (PC1..5, PB4, PB7) are active in OFFMode. This means that even if
the Atmel ATA5781/2/3 is in OFFMode and the DVCC voltage is switched off, the power management circuitry within the
Atmel ATA5781/2/3 biases these pins with VS.
AVR ports can be used as button inputs, external LNA supply voltage (RX_ACTIVE), LED drivers, EVENT pin, switching control
for additional SPDT switches, general purpose digital inputs, or wake-up inputs, etc. Some functionality of these ports is already
implemented in the firmware and can be activated by adequate EEPROM configurations. Other functionality is available only
through custom software residing in the 20Kbyte Flash program memory (Atmel ATA5781) or in the 20Kbyte user ROM
program memory (Atmel ATA5782).
Rx DSP
RF
Front End
RFIN
DATA BUS
SRC, FRC
Oscillators
Port B (8)
XTO
XTAL
PB[7..0]
(SPI)
PC[5..0]
Port C (6)
AVR CPU
Supply
Reset


Similar Part No. - ATA5782

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5782

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0097 STMICROELECTRONICS-UM0097 Datasheet
2Mb / 229P
   STR71x firmware library
AN3108 STMICROELECTRONICS-AN3108 Datasheet
791Kb / 44P
   STLM75 firmware library for the STM32F10x
logo
ON Semiconductor
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2F0B ONSEMI-LC88FC2F0B Datasheet
453Kb / 47P
   16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
logo
ATMEL Corporation
ATA5791 ATMEL-ATA5791_14 Datasheet
360Kb / 8P
   Embedded AVR Microcontroller Including RF Transmitter
ATA5795C ATMEL-ATA5795C_14 Datasheet
388Kb / 8P
   Embedded AVR Microcontroller Including RF Transmitter
ATTINY1634 ATMEL-ATTINY1634_14 Datasheet
12Mb / 259P
   8-bit AVR Microcontroller with 16KB In-system
logo
STMicroelectronics
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3253 STMICROELECTRONICS-UPSD3253 Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
November 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com