Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJL6012DPE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJL6012DPE
Description  600V - 10A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJL6012DPE Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJL6012DPE Datasheet HTML 1Page - Renesas Technology Corp RJL6012DPE Datasheet HTML 2Page - Renesas Technology Corp RJL6012DPE Datasheet HTML 3Page - Renesas Technology Corp RJL6012DPE Datasheet HTML 4Page - Renesas Technology Corp RJL6012DPE Datasheet HTML 5Page - Renesas Technology Corp RJL6012DPE Datasheet HTML 6Page - Renesas Technology Corp RJL6012DPE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJL6012DPE
Preliminary
R07DS0814EJ0200 Rev.2.00
Page 2 of 6
Jun 21, 2012
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to Source breakdown voltage
V(BR)DSS
600
V
ID = 10 mA, VGS = 0
Zero Gate voltage drain current
IDSS
10
A
VDS = 600 V, VGS = 0
Gate to Source leak current
IGSS
0.1
A
VGS = 30 V, VDS = 0
Gate to Source cutoff voltage
VGS(off)
2.0
4.0
V
VDS = 10 V, ID = 1 mA
Static Drain to Source on state
resistance
RDS(on)
0.88
1.10
ID = 5 A, VGS = 10 V
Note4
Input capacitance
Ciss
1050
pF
Output capacitance
Coss
105
pF
Reverse transfer capacitance
Crss
12
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
27
ns
Rise time
tr
20
ns
Turn-off delay time
td(off)
78
ns
Fall time
tf
16
ns
ID = 5 A
VGS = 10 V
RL = 60 
Rg = 10
Total Gate charge
Qg
28
nC
Gate to Source charge
Qgs
4.8
nC
Gate to Drain charge
Qgd
14.2
nC
VDD = 480 V
VGS = 10 V
ID = 10 A
Body-Drain diode forward voltage
VDF
1.0
1.7
V
IF = 10 A, VGS = 0
Note4
Body-Drain diode reverse recovery time
trr
150
ns
IF = 10 A, VGS = 0
diF/dt = 100 A/s
Notes: 4. Pulse test


Similar Part No. - RJL6012DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJL6012DPE RENESAS-RJL6012DPE Datasheet
171Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
RJL6012DPE-00-J3 RENESAS-RJL6012DPE-00-J3 Datasheet
171Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_15 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
More results

Similar Description - RJL6012DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0_15 Datasheet
87Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_15 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6012DPP-A0 RENESAS-RJK6012DPP-A0 Datasheet
156Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
Nov.15.2019
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0 Datasheet
87Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK60S2DPD RENESAS-RJK60S2DPD Datasheet
97Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0_13 Datasheet
104Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
RJK5035DPP-E0 RENESAS-RJK5035DPP-E0 Datasheet
87Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
RJK5035DPP-E0 RENESAS-RJK5035DPP-E0_15 Datasheet
87Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
RJK5035DPP-A0 RENESAS-RJK5035DPP-A0 Datasheet
170Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
Mar.10.2021
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com