Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK6036DP3-A0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK6036DP3-A0
Description  600V - 2A - MOS FET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK6036DP3-A0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK6036DP3-A0 Datasheet HTML 1Page - Renesas Technology Corp RJK6036DP3-A0 Datasheet HTML 2Page - Renesas Technology Corp RJK6036DP3-A0 Datasheet HTML 3Page - Renesas Technology Corp RJK6036DP3-A0 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJK6036DP3-A0
Preliminary
R07DS0841EJ0100 Rev.1.00
Page 2 of 3
Jul 05, 2011
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
600
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
1
A
VDS = 600 V, VGS = 0
Gate to source leak current
IGSS
±0.1
A
VGS = 30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
3.0
4.5
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
5.7
6.8
ID = 1 A, VGS = 10 V
Note3
Input capacitance
Ciss
165
pF
Output capacitance
Coss
20
pF
Reverse transfer capacitance
Crss
2.5
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
12
ns
Rise time
tr
12
ns
Turn-off delay time
td(off)
20
ns
Fall time
tf
31
ns
ID = 1 A
VGS = 10 V
RL = 300 
Rg = 10
Body-drain diode forward voltage
VDF
0.9
1.5
V
IF = 2 A, VGS = 0
Note3
Notes: 3. Pulse test
4. This device is sensitive to electrostatic discharge.
It is recommended to adopt appropriate cautions when handling this product.


Similar Part No. - RJK6036DP3-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6036DP3-A0 RENESAS-RJK6036DP3-A0_15 Datasheet
71Kb / 4P
   600V - 2A - MOS FET High Speed Power Switching
More results

Similar Description - RJK6036DP3-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6002DPH-E0 RENESAS-RJK6002DPH-E0_15 Datasheet
99Kb / 7P
   600V - 2A - MOS FET High Speed Power Switching
RJK6002DJE RENESAS-RJK6002DJE_15 Datasheet
69Kb / 4P
   600V - 2A - MOS FET High Speed Power Switching
RJK6036DP3-A0 RENESAS-RJK6036DP3-A0_15 Datasheet
71Kb / 4P
   600V - 2A - MOS FET High Speed Power Switching
RJK6002DPE RENESAS-RJK6002DPE Datasheet
82Kb / 7P
   600V - 2A - MOS FET High Speed Power Switching
RJK6002DPH-E0 RENESAS-RJK6002DPH-E0 Datasheet
99Kb / 7P
   600V - 2A - MOS FET High Speed Power Switching
RJK6002DJE RENESAS-RJK6002DJE Datasheet
69Kb / 4P
   600V - 2A - MOS FET High Speed Power Switching
2SK2225 RENESAS-2SK2225_16 Datasheet
260Kb / 7P
   1500V - 2A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
RJK6015DPM RENESAS-RJK6015DPM_15 Datasheet
86Kb / 7P
   600V - 21A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com