Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807-16W-AU_LD_10001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BC807-16W-AU_LD_10001
Description  PNP GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC807-16W-AU_LD_10001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BC807-16W-AU_LD_10001 Datasheet HTML 1Page - Pan Jit International Inc. BC807-16W-AU_LD_10001 Datasheet HTML 2Page - Pan Jit International Inc. BC807-16W-AU_LD_10001 Datasheet HTML 3Page - Pan Jit International Inc. BC807-16W-AU_LD_10001 Datasheet HTML 4Page - Pan Jit International Inc. BC807-16W-AU_LD_10001 Datasheet HTML 5Page - Pan Jit International Inc. BC807-16W-AU_LD_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
March 22,2011-REV.04
BC807-16W-AU SERIES
-0.1
-1
-10
-0.1
-1
-10
-100
-1000
IC, Collector Current (mA)
TJ = 150°C
TJ = 25°C
Fig.1 Base-Emitter Saturation Voltage
-0.01
-0.1
-1
-0.1
-1
-10
-100
-1000
IC, Collector Current (mA)
TJ = 150°C
TJ = 25°C
Fig.2 Collector-Emitter Saturation Voltage
0
200
400
600
-0.1
-1
-10
-100
-1000
IC, Collector Current (mA)
TJ = 150°C
TJ = 25°C
TJ = 75°C
VCE = -1V
Fig.3 BC807-16W: Typical DC Current Gain
0
200
400
600
-0.1
-1
-10
-100
-1000
IC, Collector Current (mA)
TJ = 150°C
TJ = 25°C
TJ = 75°C
VCE = -1V
Fig.4 BC807-25W: Typical DC Current Gain
1
10
100
-0.1
-1
-10
-100
VCB, VEB (V)
CEB
CCB
f =1MHz
TJ=25°C
Fig.6 Typical Capacitance
0
200
400
600
800
-0.1
-1
-10
-100
-1000
IC, Collector Current (mA)
TJ = 150°C
TJ = 25°C
TJ = 75°C
VCE = -1V
Fig.5 BC807-40W: DC Current Gain
IC/IB = 10
IC/IB = 10


Similar Part No. - BC807-16W-AU_LD_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BC807-16W-AU_R1_000A1 PANJIT-BC807-16W-AU_R1_000A1 Datasheet
517Kb / 6P
   Silicon PNP General Purpose Transistors
March 08,2019-REV.05
BC807-16W-AU PANJIT-BC807-16W-AU_V01 Datasheet
517Kb / 6P
   Silicon PNP General Purpose Transistors
March 08,2019-REV.05
More results

Similar Description - BC807-16W-AU_LD_10001

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com