Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETMA1601250U Datasheet(PDF) 3 Page - CUI INC

Part # ETMA1601250U
Description  MEDICAL AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ETMA1601250U Datasheet(HTML) 3 Page - CUI INC

  ETMA1601250U Datasheet HTML 1Page - CUI INC ETMA1601250U Datasheet HTML 2Page - CUI INC ETMA1601250U Datasheet HTML 3Page - CUI INC ETMA1601250U Datasheet HTML 4Page - CUI INC ETMA1601250U Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
08/13/2012 │ page 3 of 5
CUI Inc
│ SERIES: ETMA 200W │ DESCRIPTION: MEDICAL AC-DC POWER SUPPLY
MECHANICAL DRAWING
104.5 0.5
188.5 0.5
60.0 0.5
units: mm
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
7.42 x 4.11 x 2.36 (188.5 x 104.5 x 60 mm)
inch
input plug
IEC320 / C14
weight
1.06
kg


Similar Part No. - ETMA1601250U

ManufacturerPart #DatasheetDescription
logo
CUI INC
ETMA1601250U CUI-ETMA1601250U Datasheet
234Kb / 5P
   MEDICAL AC-DC POWER SUPPLY
ETMA1601250U CUI-ETMA1601250U Datasheet
685Kb / 5P
   over voltage, overload and short circuit protections
ETMA1601250U CUI-ETMA1601250U Datasheet
553Kb / 5P
   MEDICAL AC-DC POWER SUPPLY
07/23/2020
More results

Similar Description - ETMA1601250U

ManufacturerPart #DatasheetDescription
logo
CUI INC
ETMA120500UD CUI-ETMA120500UD Datasheet
463Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
ETMA1202083U CUI-ETMA1202083U Datasheet
218Kb / 5P
   MEDICAL AC-DC POWER SUPPLY
ETMA200WU CUI-ETMA200WU Datasheet
553Kb / 5P
   MEDICAL AC-DC POWER SUPPLY
07/23/2020
EMMA-30W CUI-EMMA-30W_V01 Datasheet
364Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
06/20/2017
ETMA30W CUI-ETMA30W Datasheet
369Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
07/10/2015
EMMA_30W CUI-EMMA_30W Datasheet
229Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
logo
Wall Industries,Inc.
PSM200 WALL-PSM200 Datasheet
201Kb / 3P
   AC/DC Medical Power Supply
PSMHBU31 WALL-PSMHBU31 Datasheet
127Kb / 2P
   AC/DC Medical Power Supply
logo
CUI INC
EMMA050400 CUI-EMMA050400 Datasheet
519Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
ETMA-60W-UD CUI-ETMA-60W-UD Datasheet
364Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
VSKM-S10 CUI-VSKM-S10 Datasheet
309Kb / 4P
   MEDICAL AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com