Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PY14 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # PY14
Description  Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PY14 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button PY14 Datasheet HTML 6Page - Omron Electronics LLC PY14 Datasheet HTML 7Page - Omron Electronics LLC PY14 Datasheet HTML 8Page - Omron Electronics LLC PY14 Datasheet HTML 9Page - Omron Electronics LLC PY14 Datasheet HTML 10Page - Omron Electronics LLC PY14 Datasheet HTML 11Page - Omron Electronics LLC PY14 Datasheet HTML 12Page - Omron Electronics LLC PY14 Datasheet HTML 13Page - Omron Electronics LLC PY14 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
H3YN
10
■ Accessories (Order Separately)
Connecting Sockets
Use the PYF
@A, PY@, PY@-02, or PY@QN(2) to mount the H3YN. When ordering any one of these Sockets, replace “@” with “08” or “14.”
90.5
86.6
6
16.5
35.4
3.4
4
6
59
±0.3
15
±0.2
6
16.5
35.4
3.4
4
6
59
±0.3
22
±0.2
4
42
1
8
5
12
9
14
14
13
44
12
14
41
11
A2 A2 A1
19.8
4
42
8
44
1
12
5
14
41
12
A2
14
11
9
A1
13
A2
14
PYF-08A-N
43
2
1
8
76
5
12 11 10
9
14 14
13
42 32 22 12
44 34 24 14
41 31 21 11
A2 A2
A1
20.8
4
42
3
32
2
22
1
12
8
44
7
34
6
24
5
14
41
12
31
11
21
10
11
9
A1
13
A2
14
A2
14
PYF-14A-N
PYF
@A
Mounting Holes
72 max.
23 max.
30 max.
PYF-14A
Mounting Holes
72 max.
29.5 max.
30 max.
PYF-08A-N
Terminal Arrangement
3.2 dia.
3.6 dia.
22 max.
66.5 max.
30 max.
Two, 3.5 dia.
30 max.
66.5 max.
29.5 max.
PYF-14A-N
Terminal Arrangement
Track Mounting/Front Connecting Sockets
PYF08A
Two, 4.2
× 5
mounting holes
Eight, M3
×
8 sems
Two, 4.5 dia.
M4 or M3
H3YN
Series
Two, 4.5 dia.
M4 or M3
Fourteen, M3
×
8 sems
Two, 4.2
× 5
mounting holes
Terminal Arrangement
(Top View)
Terminal Arrangement
(Top View)
Mounting Holes
(for Surface Mounting)
Mounting Holes
(for Surface Mounting)


Similar Part No. - PY14

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PY14 OMRON-PY14 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
PY14 OMRON-PY14 Datasheet
664Kb / 7P
   Fully Sealed Version of G2A that Displays Its Power in Adverse Environments
2010.4
PY14-0 OMRON-PY14-0 Datasheet
664Kb / 7P
   Fully Sealed Version of G2A that Displays Its Power in Adverse Environments
2010.4
PY14-02 OMRON-PY14-02 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
PY14-02 OMRON-PY14-02 Datasheet
664Kb / 7P
   Fully Sealed Version of G2A that Displays Its Power in Adverse Environments
2010.4
More results

Similar Description - PY14

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
   Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
   digital microphone with multiple performance modes
July 2020 Rev 2
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
[Old version datasheet]   5A eFuse Power MUX with Multiple Protection Modes
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
   Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
   MEMS audio sensor: digital microphone with multiple performance modes
March 2022 Rev 3
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Micross Components
AS8FLC2M32 MICROSS-AS8FLC2M32 Datasheet
369Kb / 29P
   Available in multiple Access time variations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com