Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9SB-3012-C Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G9SB-3012-C
Description  Ultra Slim Safety Relay Unit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SB-3012-C Datasheet(HTML) 5 Page - Omron Electronics LLC

  G9SB-3012-C Datasheet HTML 1Page - Omron Electronics LLC G9SB-3012-C Datasheet HTML 2Page - Omron Electronics LLC G9SB-3012-C Datasheet HTML 3Page - Omron Electronics LLC G9SB-3012-C Datasheet HTML 4Page - Omron Electronics LLC G9SB-3012-C Datasheet HTML 5Page - Omron Electronics LLC G9SB-3012-C Datasheet HTML 6Page - Omron Electronics LLC G9SB-3012-C Datasheet HTML 7Page - Omron Electronics LLC G9SB-3012-C Datasheet HTML 8Page - Omron Electronics LLC G9SB-3012-C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
G9SB
G9SB-3010 (24 VDC) with 2-channel Limit Switch Input/Auto-reset
Note: This circuit conforms to EN954-1 Safety Category 3.
KM1
KM2
M
KM1
KM2
11
12
23
24
S2
S1
KM1 KM2
K1
K2
K1
K1
K2
K2
K1
a
a
+
-
K2
TH
SA
A1
A2
T31
T32
13
23
33
41
14
24
34
42
Open
Feedback loop
Control
circuit
Timing Chart
Limit switches S1 and S2
K1 and K2 (NC)
K1 and K2 (NO)
KM1 and KM2 (NC)
KM1 and KM2 (NO)
S1:
Safety limit switch with direct
opening mechanism (NC)
(D4B-N, D4N, D4F)
S2:
Limit switch (NO)
KM1 and KM2:
Magnetic Contactor
M:
3-phase motor
http://www.ia.omron.com/
5
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - G9SB-3012-C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9SB-3012-C OMRON-G9SB-3012-C Datasheet
1Mb / 8P
   Safety Relay Unit
More results

Similar Description - G9SB-3012-C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SFS6-PS PANASONIC-SFS6-PS Datasheet
2Mb / 9P
   Slim compact safety relay
logo
Omron Electronics LLC
G9SB3012A OMRON-G9SB3012A Datasheet
1Mb / 8P
   Safety Relay Unit
logo
Picker Components
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458 Datasheet
187Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458_14 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_17 Datasheet
790Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_14 Datasheet
161Kb / 2P
   Ultra Slim Inline Relay
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Picker Components
PC563 PICKER-PC563 Datasheet
167Kb / 2P
   Ultra Slim 5 Amp Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com