Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC2518 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSC2518
Description  High Speed, High Voltage Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC2518 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC2518 Datasheet HTML 1Page - Fairchild Semiconductor KSC2518 Datasheet HTML 2Page - Fairchild Semiconductor KSC2518 Datasheet HTML 3Page - Fairchild Semiconductor KSC2518 Datasheet HTML 4Page - Fairchild Semiconductor KSC2518 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Turn On, Storage and Fall Time
vs Collector Current
Figure 5. Forward Bias Safe Operating Area
Figure 6. Reverse Bias Safe Operating Area
024
68
10
0
1
2
3
4
5
IB=0.5A
IB=0.4A
IB=0.3A
IB=0.2A
IB=0.1A
IB=0.05A
VCE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
1
10
100
1000
VCE = 5V
Pulsed
IC[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
IC=5IB
Plsed
VBE(sat)
VCE(sat)
IC[A], COLLECTOR CURRENT
0.1
1
10
0.1
1
10
100
IC=5IB1=-5IB2
Pulsed, VCC=150V
ton
tf
tstg
IC[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
100
Dissipation Limited
DC
1m
s
10
0u
s
PW
=1
0us
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
100
200
300
400
500
0
1
2
3
4
5
VCE(s), COLLECTOR-EMITTER VOLTAGE


Similar Part No. - KSC2518

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC2517 SAMSUNG-KSC2517 Datasheet
198Kb / 6P
   NPN (HIGH SPEED SWITCHING INDUSTRIAL USE)
logo
C&K Components
KSC251G50LFG CK-COMPONENTS-KSC251G50LFG Datasheet
299Kb / 6P
   Sealed Tact Switch for SMT
KSC251G50LFS CK-COMPONENTS-KSC251G50LFS Datasheet
299Kb / 6P
   Sealed Tact Switch for SMT
logo
ITT Industries
KSC251G50SHLFG ITT-KSC251G50SHLFG Datasheet
316Kb / 5P
   Sealed Tact Switch for SMT
KSC251G50SHLFS ITT-KSC251G50SHLFS Datasheet
316Kb / 5P
   Sealed Tact Switch for SMT
More results

Similar Description - KSC2518

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13011 UTC-MJE13011 Datasheet
104Kb / 4P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC3865 ETC-2SC3865 Datasheet
158Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Unisonic Technologies
2SC2625 UTC-2SC2625_15 Datasheet
103Kb / 3P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC4419 ETC-2SC4419 Datasheet
158Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Fairchild Semiconductor
KSA1010 FAIRCHILD-KSA1010 Datasheet
50Kb / 5P
   High Speed High Voltage Switching
logo
Inchange Semiconductor ...
2SC3738 ISC-2SC3738 Datasheet
196Kb / 2P
   High Voltage, High Speed Switching
BU4508AF ISC-BU4508AF Datasheet
190Kb / 2P
   High-voltage high-speed switching
logo
Fairchild Semiconductor
KSC2335 FAIRCHILD-KSC2335 Datasheet
52Kb / 4P
   High Speed, High Voltage Switching
logo
List of Unclassifed Man...
2SC3724 ETC-2SC3724 Datasheet
46Kb / 1P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
New Jersey Semi-Conduct...
2SC3865 NJSEMI-2SC3865 Datasheet
147Kb / 1P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com