Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5Q-1A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G5Q-1A
Description  Compact, High Isolation Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5Q-1A Datasheet(HTML) 4 Page - Omron Electronics LLC

  G5Q-1A Datasheet HTML 1Page - Omron Electronics LLC G5Q-1A Datasheet HTML 2Page - Omron Electronics LLC G5Q-1A Datasheet HTML 3Page - Omron Electronics LLC G5Q-1A Datasheet HTML 4Page - Omron Electronics LLC G5Q-1A Datasheet HTML 5Page - Omron Electronics LLC G5Q-1A Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
166
PCB Relay
G5Q
Dimensions
Note: All units are in millimeters unless otherwise indicated.
7.62
±0.1
Terminal Arrangement/
Internal Connections
(Bottom View)
PCB Mounting Holes
(Bottom View)
Tolerance:
±0.1 mm
15.8 max.
(0.622)
20.3 max.
(0.799)
0.4
3.4
7.62
10.16
10.3 max.
(0.406)
7.62
1
(1.19)
(1.18)
7.62
±0.1
10.16
±0.1
Four,
1.3
±0.1-dia.
holes
12
3
5
0.27
max.
0.4
× 0.4
G5Q-1A
G5Q-1A4
7.62
±0.1
Terminal Arrangement/
Internal Connections
(Bottom View)
PCB Mounting Holes
(Bottom View)
Tolerance:
±0.1 mm
(1.19)
(1.18)
15.8 max.
(0.622)
20.3 max.
(0.799)
10.3 max.
(0.406)
0.4
× 0.4
0.27
max.
0.4
3.4
2.54
5.08
10.16
7.62
1
2.54
±0.1
5.08
±0.1
10.16
±0.1
Five,
1.3
±0.1-dia.
holes
12
3
4
5
G5Q-1
G5Q-14


Similar Part No. - G5Q-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Q-1A OMRON-G5Q-1A Datasheet
464Kb / 6P
   PCB Relay
logo
Murata Manufacturing Co...
G5Q-1A MURATA-G5Q-1A Datasheet
412Kb / 6P
   Compact, High Isolation Relay
logo
Omron Electronics LLC
G5Q-1A OMRON-G5Q-1A Datasheet
507Kb / 6P
   PCB Relay
G5Q-1A4 OMRON-G5Q-1A4 Datasheet
464Kb / 6P
   PCB Relay
logo
Murata Manufacturing Co...
G5Q-1A4 MURATA-G5Q-1A4 Datasheet
412Kb / 6P
   Compact, High Isolation Relay
More results

Similar Description - G5Q-1A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
G5Q-1A4-DC24 MURATA-G5Q-1A4-DC24 Datasheet
412Kb / 6P
   Compact, High Isolation Relay
logo
Wabash Transformer Inc.
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
P24T-24-24 WABASH-P24T-24-24 Datasheet
511Kb / 1P
   The Compact Isolation Transformer
logo
MicroPower Direct, LLC
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
450Kb / 2P
   Compact, 10W Ultra-High Isolation DC/DC Converters
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
   Compact , 15W Ultra-High Isolation DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
   Compact MiniDIP, 2W High Isolation DC/DC Converters
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
   Compact, 20W Ultra-High Isolation DC/DC Converters
logo
Nais(Matsushita Electri...
DE1A-3V NAIS-DE1A-3V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Panasonic Semiconductor
DE1A1B-L-3V PANASONIC-DE1A1B-L-3V Datasheet
1Mb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Cynergy3 Co
D200 CYNERGY3-D200 Datasheet
223Kb / 1P
   High Power 200W reed relay with 7kV isolation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com