Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5LA1A4DC12 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G5LA1A4DC12
Description  A Cubic, Single-pole 10A Power Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LA1A4DC12 Datasheet(HTML) 4 Page - Omron Electronics LLC

  G5LA1A4DC12 Datasheet HTML 1Page - Omron Electronics LLC G5LA1A4DC12 Datasheet HTML 2Page - Omron Electronics LLC G5LA1A4DC12 Datasheet HTML 3Page - Omron Electronics LLC G5LA1A4DC12 Datasheet HTML 4Page - Omron Electronics LLC G5LA1A4DC12 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
G5LA
PCB Power Relay
G
5
L
A
■Dimensions
Note. All units are in millimeters unless otherwise indicated.
Terminal
Arrangement/Internal
Connections (Bottom View)
PCB Mounting Holes
(Bottom View)
Tolerance: ±0.1 mm
Unless specified
G5LA-1(-CF)
G5LA-14(-CF)
G5LA-1-E(-CF)
G5LA-14-E(-CF)
1
2
3
4
5
2
± 0.1
1.4
+0.2
0
+0.2
0
19.8 MAX
(19.6)*
1
15.8 MAX
(15.6)*
1.2
12
12.2
0.4
2
0.4
0.28
@0.5
12.2
± 0.1
2-∅
1.1
3-∅
1.3
1
2
3
5
12.2
± 0.1
2
± 0.1
1.4
+0.2
0
+0.2
0
19.8 MAX
(19.6)*
15.8 MAX
(15.6)*
0.4
1.2
1
12
2
12.2
0.28
@0.5
2-∅
1.1
2-∅
1.3
Terminal
Arrangement/Internal
Connections (Bottom View)
PCB Mounting Holes
(Bottom View)
Tolerance: ±0.1 mm
Unless specified
G5LA-1A(-CF)
G5LA-1A4(-CF)


Similar Part No. - G5LA1A4DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
More results

Similar Description - G5LA1A4DC12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
logo
Omron Electronics LLC
G5LA14CFDC24 OMRON-G5LA14CFDC24 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA14DC12 OMRON-G5LA14DC12 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA-1-DC5 OMRON-G5LA-1-DC5 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA-14-DC24 OMRON-G5LA-14-DC24 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
   Cubic, Single-pole 10A Power Relay
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
logo
Panasonic Semiconductor
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com