Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5LA1A4DC12 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G5LA1A4DC12
Description  A Cubic, Single-pole 10A Power Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LA1A4DC12 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G5LA1A4DC12 Datasheet HTML 1Page - Omron Electronics LLC G5LA1A4DC12 Datasheet HTML 2Page - Omron Electronics LLC G5LA1A4DC12 Datasheet HTML 3Page - Omron Electronics LLC G5LA1A4DC12 Datasheet HTML 4Page - Omron Electronics LLC G5LA1A4DC12 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
G
5
L
A
G5LA
PCB Power Relay
A Cubic, Single-pole 10A
Power Relay
• Economical cube relay with universal terminal footprint
• Conforms to VDE0435
• UL recognized/CSA certified.
• High switching power: 10A @ 250VAC
• Withstands impulse of up to 4,500V
• Coil power consumption: 360mW
• UL Class F coil insulation type also available
• Tracking resistance: CTI>250
■Model Number Legend
■Application Examples
• Home appliance
• OA equipments
• Vending machines, etc.
■Ordering Information
Note. When ordering, add the rated coil voltage to the model number.
■Ratings
●Coil
Note 1. The rated current and coil resistance are measured at a coil temperature of 23°C with tolerances of ±10%.
2. Please avoid ultrasonic cleaning this relay.
RoHS Compliant
G5LA-@ @ @ - @ - @
12 3
4
5
1. Number of poles
1:
1-pole
2. Contact Form
None: SPDT (1c)
A:
SPST-NO (1a)
3. Enclosure rating
None: Flux protection
4:
Fully sealed
4. Classification
None: Standard
E:
High capacity (NC side)
5. UL Insulation System
None: Standard
CF:
Class F
Classification
Terminal Shape
Contact form
Enclosure rating
Model
Rated coil voltage
Minimum packing unit
Standard
PCB terminals
SPST-NO (1a)
Flux protection
G5LA-1A(-CF)
5VDC
9VDC
12VDC
24VDC
48VDC
100 pcs/tray
Fully-sealed
G5LA-1A4(-CF)
SPDT (1c)
Flux protection
G5LA-1(-CF)
Fully-sealed
G5LA-14(-CF)
High-capacity
SPDT (1c)
Flux protection
G5LA-1-E(-CF)
Fully-sealed
G5LA-14-E(-CF)
Rated voltage
(VDC)
Rated current
(mA)
Coil
resistance
(
Ω)
Must operate voltage
(V)
Must release voltage
(V)
Max. voltage
(V)
Power
consumption
(mW)
% of rated voltage
572
69.4
75% max.
10% min.
130% (at 85°C)
170% (at 23°C)
Approx. 360
940
225
12
30
400
24
15
1600
48
10
4800
Approx. 480
Rated coil voltage
Example: G5LA-1 DC 12


Similar Part No. - G5LA1A4DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
More results

Similar Description - G5LA1A4DC12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
logo
Omron Electronics LLC
G5LA14CFDC24 OMRON-G5LA14CFDC24 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA14DC12 OMRON-G5LA14DC12 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA-1-DC5 OMRON-G5LA-1-DC5 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA-14-DC24 OMRON-G5LA-14-DC24 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
   Cubic, Single-pole 10A Power Relay
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
logo
Panasonic Semiconductor
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com