Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC1675YS1TA Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC1675YS1TA
Description  FM/AM RF AMP, MIX, CONV,OSC,IF
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC1675YS1TA Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC1675YS1TA Datasheet HTML 1Page - Fairchild Semiconductor KSC1675YS1TA Datasheet HTML 2Page - Fairchild Semiconductor KSC1675YS1TA Datasheet HTML 3Page - Fairchild Semiconductor KSC1675YS1TA Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
50
mA
PC
Collector Power Dissipation
250
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=10µA, IE=0
50
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=5mA, IB=0
30
V
BVEBO
Emitter-Base Breakdown Voltage
IE=10µA, IC=0
5
V
ICBO
Collector Cut-off Current
VCB=50V, IE=0
0.1
µA
IEBO
Emitter Cut-off Current
VEB=5V, IC=0
0.1
µA
hFE
DC Current Gain
VCE=6V, IC=1mA
40
240
VBE (on)
Base-Emitter On Voltage
VCE=6V, IC=1mA
0.67
0.75
V
VCE (sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB=1mA
0.08
0.3
V
fT
Current Gain Bandwidth Product
VCE=6V, IC=1mA
150
300
MHz
Cob
Output Capacitance
VCB=6V, IE=0, f=1MHz
2.0
2.5
pF
Classification
R
O
Y
hFE
40 ~ 80
70 ~ 140
120 ~ 240
KSC1675
FM/AM RF AMP, MIX, CONV,OSC,IF
• Collector-Base Voltage : VCEO=30V
• High Current Gain Bandwidth Product : fT=300MHz (TYP.)
• Low Collector Capacitance : COB=2.0pF (TYP.)
• Suffix “-C” means Center Collector (1. Emitter 2. Collector 3. Base)
1. Emitter 2. Base 3. Collector
TO-92
1


Similar Part No. - KSC1675YS1TA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC1675 SAMSUNG-KSC1675 Datasheet
78Kb / 2P
   NPN (FM/AM RF AMP, MIC, CONY,OSC,IF)
More results

Similar Description - KSC1675YS1TA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2787 FAIRCHILD-KSC2787 Datasheet
43Kb / 4P
   FM/AM RF AMP, MIX, CONV, OSC, IF
logo
Samsung semiconductor
KSC2787 SAMSUNG-KSC2787 Datasheet
75Kb / 2P
   NPN (FM/AM RF AMP, MIX, CONV, OSC, IF)
logo
Fairchild Semiconductor
KSC838 FAIRCHILD-KSC838 Datasheet
40Kb / 4P
   FM Radio RF AMP, MIX, CONV, OSC, IF AMP
KSC838YTA FAIRCHILD-KSC838YTA Datasheet
44Kb / 4P
   FM Radio RF AMP, MIX, CONV, OSC, IF AMP
KSC838OTA FAIRCHILD-KSC838OTA Datasheet
44Kb / 4P
   FM Radio RF AMP, MIX, CONV, OSC, IF AMP
logo
Usha India Ltd.
2SC838 USHA-2SC838 Datasheet
50Kb / 1P
   FM RADIO RF AMP,MIX, CONV, OSC, IF AMP
logo
Fairchild Semiconductor
KSC2669 FAIRCHILD-KSC2669 Datasheet
40Kb / 4P
   FM RADIO RF AMP, MIX, CONV, OSC, IF AMP
KSC839 FAIRCHILD-KSC839 Datasheet
38Kb / 4P
   FM/AM RADIO RF AMP, CONV, OSC, IF AMP
logo
List of Unclassifed Man...
2SC839 ETC-2SC839 Datasheet
74Kb / 2P
   FM/AM RADIO RF AMP,CONV,OSC,IF AMP
logo
Samsung semiconductor
KSC2669 SAMSUNG-KSC2669 Datasheet
68Kb / 2P
   NPN (FM RADIO RF AMP, MIX, CONV, OSC, IF AMP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com