Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA2407ZHD-3W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRA2407ZHD-3W
Description  3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA2407ZHD-3W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRA2407ZHD-3W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA2407ZHD-3W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA2407ZHD-3W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRA-ZHD-
WRA-ZHD-3
3W&WRB-ZHD-
W&WRB-ZHD-3
3W
W
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
S
SE
ELECTION
LECTION GUIDE
GUIDE
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
WRB2403ZHD-3W
9-36
3.3
700
1500
500
75
WRB2405ZHD-3W
9-36
5
600
1500
340
81
WRB2407ZHD-3W
9-36
7.2
415
1500
340
78
WRB2409ZHD-3W
9-36
9
330
1500
165
82
WRB2412ZHD-3W
9-36
12
250
1500
50
83
WRB2415ZHD-3W
9-36
15
200
1500
50
83
WRB2418ZHD-3W
9-36
18
165
1500
50
83
WRB2424ZHD-3W
9-36
24
125
1500
34
82
WRB4803ZHD-3W
18-72
3.3
700
1500
500
75
WRB4805ZHD-3W
18-72
5
600
1500
340
81
WRB4807ZHD-3W
18-72
7.2
415
1500
340
81
WRB4809ZHD-3W
18-72
9
330
1500
165
82
WRB4812ZHD-3W
18-72
12
250
1500
50
82
WRB4815ZHD-3W
18-72
15
200
1500
50
85
WRB4818ZHD-3W
18-72
18
165
1500
50
83
WRB4824ZHD-3W
18-72
24
125
1500
34
83
WRA2403ZHD-3W
9-36
±
3.3
±
350
1500
±
235
80
WRA2405ZHD-3W
9-36
±
5
±
300
1500
±
165
82
WRA2407ZHD-3W
9-36
±
7.2
±
205
1500
±
165
80
WRA2409ZHD-3W
9-36
±
9
±
165
1500
±
50
82
WRA2412ZHD-3W
9-36
±
12
±
125
1500
±
34
84
WRA2415ZHD-3W
9-36
±
15
±
100
1500
±
34
80
WRA2418ZHD-3W
9-36
±
18
±
80
1500
±
34
80
WRA2424ZHD-3W
9-36
±
24
±
62
1500
±
11
81
WRA4803ZHD-3W
18-72
±
3.3
±
350
1500
±
235
79
WRA4805ZHD-3W
18-72
±
5
±
300
1500
±
165
82
WRA4807ZHD-3W
18-72
±
7.2
±
205
1500
±
165
81
WRA4809ZHD-3W
18-72
±
9
±
165
1500
±
50
81
WRA4812ZHD-3W
18-72
±
12
±
125
1500
±
34
83
WRA4815ZHD-3W
18-72
±
15
±
100
1500
±
34
81
WRA4818ZHD-3W
18-72
±
18
±
80
1500
±
34
81
WRA4824ZHD-3W
18-72
±
24
±
62
1500
±
11
81
MODEL
MODEL SELECTION
SELECTION
WR
WRA
A
24
24
15
15
Z
Z
HD
D
--3
3W
W(100)
Product Series
Input Voltage
Output Voltage ④4:1Wide Input Volage Range
Symmetric pin layout DIP24 Package Style
Rated Power(Output current)
Parameters
Parameters
Model
CE
Standards
EN55022 Class A, EN55024
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-5, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
NOTE: Also designed to meet IEC60950-1:2001
MICRODC R ESERVES THE COPYRIGHT
3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
FEATURES
FEATURES
RoHS compliant
24 Pin DIP Package
Wide 4:1 input range
High efficiency up to 85%
Operating temperature -40℃ to + 85℃
Input/output isolation 1500VDC
Pin compatible with multiple manufacturers
Continuous short circuit protection
No heat sink required
Industry standard pinout
MTBF<1,000,000 hours
APPLICATIONS
APPLICATIONS
The WRA-ZHD-3W&WRB-ZHD-3W series
offer 6 watts of output power from a package in
an IC compatible 24 pin DIP configuration
without derating to 71ºC ambient temperature.
WRA-ZHD-3W&WRB-ZHD-3W series have 4:1
wide input voltage of 9-36 and 18-72VDC.


Similar Part No. - WRA2407ZHD-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA2407ZHD-410 MICRODC-WRA2407ZHD-410 Datasheet
656Kb / 3P
   6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRA2407ZHD-3W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
3T16WE GAPTEC-3T16WE Datasheet
985Kb / 3P
   3W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3D8W GAPTEC-3D8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Microdc power Technolog...
WRA-YDV-3W MICRODC-WRA-YDV-3W Datasheet
748Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRE-YS-3W MICRODC-WRE-YS-3W Datasheet
745Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC-DC CONVERTER
logo
Toppower Electronic Tec...
TPD-3W TOPPOWER-TPD-3W Datasheet
716Kb / 3P
   3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com