Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS570LS0332 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0332
Description  TMS570LS0432/0332 16/32-Bit RISC Flash Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS570LS0332 Datasheet HTML 7Page - Texas Instruments TMS570LS0332 Datasheet HTML 8Page - Texas Instruments TMS570LS0332 Datasheet HTML 9Page - Texas Instruments TMS570LS0332 Datasheet HTML 10Page - Texas Instruments TMS570LS0332 Datasheet HTML 11Page - Texas Instruments TMS570LS0332 Datasheet HTML 12Page - Texas Instruments TMS570LS0332 Datasheet HTML 13Page - Texas Instruments TMS570LS0332 Datasheet HTML 14Page - Texas Instruments TMS570LS0332 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
TMS570LS0432
TMS570LS0332
www.ti.com
SPNS186 – OCTOBER 2012
2.2.7
Local Interconnect Network Controller (LIN)
Table 2-7. Local Interconnect Network Controller (LIN)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
100
PZ
LINRX
94
I/O
Pull Up
Programmable,
LIN Receive, or GPIO
20uA
LINTX
95
LIN Transmit, or GPIO
2.2.8
Multi-Buffered Analog-to-Digital Converter (MibADC)
Table 2-8. Multi-Buffered Analog-to-Digital Converter (MibADC)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
100
PZ
ADEVT/N2HET[28]
58
I/O
Pull Up
Programmable,
ADC Event Trigger or GPIO
20uA
ADIN[0]
42
Input
-
-
Analog Inputs
ADIN[1]
49
ADIN[2]
51
ADIN[3]
52
ADIN[4]
54
ADIN[5]
55
ADIN[6]
56
ADIN[7]
43
ADIN[8]
57
ADIN[9]
48
ADIN[10]
50
ADIN[11]
53
ADIN[16]
40
ADIN[17]
41
ADIN[20]
44
ADIN[21]
45
ADREFHI/VCCAD
46
Input/Pow
-
-
ADC High Reference Level/ADC Operating
er
Supply
ADREFLO/VSSAD
47
Input/Grou
-
-
ADC Low Reference Level/ADC Supply Ground
nd
2.2.9
System Module
Table 2-9. System Module
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
100
PZ
ECLK
84
I/O
Pull Down
Programmable,
External Prescaled Clock
20uA
GIOA[5]/EXTCLKIN
10
Input
Pull Down
20uA
External Clock In
nPORRST
31
Input
Pull Down
100uA
Input master chip power-up reset. External power
supply monitor circuitry must assert a power-on
reset.
This terminal has a glitch filter.
Copyright © 2012, Texas Instruments Incorporated
Device Package and Terminal Functions
11
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332


Similar Part No. - TMS570LS0332

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0332 TI1-TMS570LS0332 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0332 TI1-TMS570LS0332 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0332PZ TI1-TMS570LS0332PZ Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0332PZ TI1-TMS570LS0332PZ Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS0332

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com