Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F9151 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F9151
Description  SAW Bandpass Filter 915.0MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F9151 Datasheet(HTML) 2 Page - Integrated Technology Future

  F9151 Datasheet HTML 1Page - Integrated Technology Future F9151 Datasheet HTML 2Page - Integrated Technology Future F9151 Datasheet HTML 3Page - Integrated Technology Future F9151 Datasheet HTML 4Page - Integrated Technology Future F9151 Datasheet HTML 5Page - Integrated Technology Future F9151 Datasheet HTML 6Page - Integrated Technology Future F9151 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter 915.0MHz
Part No.
F9151
Rev. Date
2010-03-15
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR8010-AS02
2/7
Specifications
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
915
-
MHz
Insertion Loss (In Fc ±13.0 MHz)
-
2.8
3.5
dB
Amplitude Ripple (In Fc ±13.0 MHz)
-
0.8
1.5
dB
VSWR (In Fc +/- 13.0 MHz)
-
1.5
-
Relative Attenuation
0.3 MHz
~
715MHz
715 MHz
~
875 MHz
950 MHz
~
1030 MHz
1030 MHz
~
1900 MHz
45
40
25
-
50
47
30
45
-
-
-
dB
Input/Output Impedance
50
Ohms


Similar Part No. - F9151

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F9153 ITF-F9153 Datasheet
273Kb / 7P
   SAW Bandpass Filter F9153
F9155 ITF-F9155 Datasheet
228Kb / 7P
   SAW Bandpass Filter F9155
logo
FCI connector
F915600 FCI-CONNECTOR-F915600 Datasheet
623Kb / 1P
   CHART - ASSEMBLY 4WAY FEMALE (2.80MM APEX CONN.SYSTEM)
05-25-05
More results

Similar Description - F9151

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02566 GOLLEDGE-MP02566 Datasheet
103Kb / 7P
   SAW Filter 915.0MHz
MA09103 GOLLEDGE-MA09103 Datasheet
179Kb / 6P
   915.0MHz SAW Filter
MP06992 GOLLEDGE-MP06992 Datasheet
230Kb / 6P
   SAW Filter 915.0MHz
MP03642 GOLLEDGE-MP03642 Datasheet
106Kb / 6P
   SAW Filter 915.0MHz
MP04309 GOLLEDGE-MP04309 Datasheet
242Kb / 6P
   SAW Filter 915.0MHz
MP04574 GOLLEDGE-MP04574 Datasheet
122Kb / 6P
   SAW Filter 915.0MHz
logo
Abracon Corporation
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
   SMD 915.0MHz SAW FILTER
11.07.11
logo
Golledge Electronics Lt...
MA06291 GOLLEDGE-MA06291 Datasheet
78Kb / 4P
   SAW Resonator 915.0MHz
MA03704 GOLLEDGE-MA03704 Datasheet
223Kb / 4P
   SAW Filter 915.0MHz for ISM900 (High Attenuation)
MA06101 GOLLEDGE-MA06101 Datasheet
165Kb / 4P
   915.0MHz SAW Resonator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com