Electronic Components Datasheet Search |
|
A2F060M3C-1CSG256YES Datasheet(PDF) 3 Page - Microsemi Corporation |
|
A2F060M3C-1CSG256YES Datasheet(HTML) 3 Page - Microsemi Corporation |
3 / 192 page SmartFusion Customizable System-on-Chip (cSoC) Revision 10 III Package I/Os: MSS + FPGA I/Os SmartFusion cSoC Device Status Device A2F0601 A2F2002 A2F5002 Package TQ144 CS288 FG256 PQ208 CS288 FG256 FG484 PQ208 CS288 FG256 FG484 Direct Analog Inputs 11 11 11 8 8 8 8 8 8 8 12 Shared Analog Inputs 4 4 4 16 16 16 16 16 16 16 20 Total Analog Inputs 15 15 15 24 24 24 24 24 24 24 32 Analog Outputs 1111 2 2 2 122 3 MSS I/Os3,4 215 285 265 22 31 25 41 22 31 25 41 FPGA I/Os 336 68 66 66 78 66 94 666 78 66 128 Total I/Os 70 112 108 113 135 117 161 113 135 117 204 Notes: 1. There are no LVTTL capable direct inputs available on A2F060 devices. 2. These pins are shared between direct analog inputs to the ADCs and voltage/current/temperature monitors. 3. 16 MSS I/Os are multiplexed and can be used as FPGA I/Os, if not needed for MSS. These I/Os support Schmitt triggers and support only LVTTL and LVCMOS (1.5 / 1.8 / 2.5, 3.3 V) standards. 4. 9 MSS I/Os are primarily for 10/100 Ethernet MAC and are also multiplexed and can be used as FPGA I/Os if Ethernet MAC is not used in a design. These I/Os support Schmitt triggers and support only LVTTL and LVCMOS (1.5 / 1.8 / 2.5, 3.3 V standards. 5. 10/100 Ethernet MAC is not available on A2F060. 6. EMC is not available on the A2F500 PQ208 and A2F060 TQ144 package. Table 1 • SmartFusion cSoC Package Sizes Dimensions Package TQ144 PQ208 CS288 FG256 FG484 Length × Width (mm\mm) 20 × 20 28 × 28 17 × 17 23 × 23 Nominal Area (mm2) 400 784 289 529 Pitch (mm) 0.5 0.5 1.0 1.0 Height (mm) 1.40 3.40 1.60 2.23 Device Status A2F060 Preliminary: CS288, FG256, TQ144 A2F200 Production: CS288, FG256, FG484, PQ208 A2F500 Production: CS288, FG256, FG484, PQ208 |
Similar Part No. - A2F060M3C-1CSG256YES |
|
Similar Description - A2F060M3C-1CSG256YES |