Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM18BB141SN1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # BLM18BB141SN1
Description  EMIFIL (Inductor type) Chip Ferrite Bead
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18BB141SN1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  BLM18BB141SN1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18BB141SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18BB141SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM18BB141SN1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM18BB141SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM18BB141SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM18BB141SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM18BB141SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
2011.5.12
Noise Suppression Products/EMI Suppression Filters > EMIFILr (Inductor type) > Chip Ferrite Bead
Part Number
Impedance
(at 100MHz/20
°C)
Impedance
(at 1GHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18BB750SN1p
75ohm
±25%
-
500mA
0.30ohm max.
-55 to +125
°C
BLM18BB121SN1p
120ohm
±25%
-
500mA
0.30ohm max.
-55 to +125
°C
BLM18BB141SN1p
140ohm
±25%
-
450mA
0.35ohm max.
-55 to +125
°C
BLM18BB151SN1p
150ohm
±25%
-
450mA
0.37ohm max.
-55 to +125
°C
BLM18BB221SN1p
220ohm
±25%
-
450mA
0.45ohm max.
-55 to +125
°C
BLM18BB331SN1p
330ohm
±25%
-
400mA
0.58ohm max.
-55 to +125
°C
BLM18BB471SN1p
470ohm
±25%
-
300mA
0.85ohm max.
-55 to +125
°C
BLM18BA050SN1p
5ohm
±25%
-
500mA
0.20ohm max.
-55 to +125
°C
BLM18BA100SN1p
10ohm
±25%
-
500mA
0.25ohm max.
-55 to +125
°C
BLM18BA220SN1p
22ohm
±25%
-
500mA
0.35ohm max.
-55 to +125
°C
BLM18BA470SN1p
47ohm
±25%
-
300mA
0.55ohm max.
-55 to +125
°C
BLM18BA750SN1p
75ohm
±25%
-
300mA
0.70ohm max.
-55 to +125
°C
BLM18BA121SN1p
120ohm
±25%
-
200mA
0.90ohm max.
-55 to +125
°C
Frequency (MHz)
1
10
100
1000
3000
0
250
500
750
1000
BLM18BD421SN1
BLM18BD331SN1
BLM18BD221SN1
BLM18BD151SN1
BLM18BD121SN1
BLM18BD470SN1
Frequency (MHz)
1
10
100
1000
3000
0
500
1000
1500
2000
2500
BLM18BD252SN1
BLM18BD222SN1
BLM18BD182SN1
BLM18BD152SN1
BLM18BD102SN1
BLM18BD601SN1
BLM18BD471SN1
Frequency (MHz)
1
10
100
1000
3000
BLM18BB750SN1
BLM18BB600SN1
BLM18BB470SN1
BLM18BB220SN1
BLM18BB100SN1
BLM18BB050SN1
0
100
200
300
Frequency (MHz)
1
10
100
1000
3000
2000
1500
1000
500
0
BLM18BB471SN1
BLM18BB331SN1
BLM18BB221SN1
BLM18BB151SN1
BLM18BB141SN1
BLM18BB121SN1
Number of Circuits: 1
I Impedance-Frequency Characteristics (Main Items)
BLM18BD Series (47ohm to 420ohm)
I Impedance-Frequency Characteristics (Main Items)
BLM18BD Series (470ohm to 2500ohm)
I Impedance-Frequency Characteristics (Main Items)
BLM18BB Series (5ohm to 75ohm)
I Impedance-Frequency Characteristics (Main Items)
BLM18BB Series (120ohm to 470ohm)
Continued on the following page.


Similar Part No. - BLM18BB141SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18BB141SN1 MURATA-BLM18BB141SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
BLM18BB141SN1 MURATA-BLM18BB141SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM18BB141SN1 MURATA-BLM18BB141SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18BB141SN1 MURATA-BLM18BB141SN1 Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM18BB141SN1 MURATA1-BLM18BB141SN1 Datasheet
243Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/05/2022
More results

Similar Description - BLM18BB141SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
logo
Murata Manufacturing Co...
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18TG121TN1 MURATA-BLM18TG121TN1 Datasheet
104Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM15AX100SN1 MURATA-BLM15AX100SN1 Datasheet
106Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18EG101TN1D MURATA-BLM18EG101TN1D Datasheet
152Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15HG601SN1 MURATA-BLM15HG601SN1 Datasheet
182Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15H MURATA-BLM15H Datasheet
187Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com