Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT325U7CFR8A Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HMT325U7CFR8A
Description  DDR3L SDRAM Unbuffered DIMMs Based on 2Gb C-Die
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT325U7CFR8A Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HMT325U7CFR8A Datasheet HTML 3Page - Hynix Semiconductor HMT325U7CFR8A Datasheet HTML 4Page - Hynix Semiconductor HMT325U7CFR8A Datasheet HTML 5Page - Hynix Semiconductor HMT325U7CFR8A Datasheet HTML 6Page - Hynix Semiconductor HMT325U7CFR8A Datasheet HTML 7Page - Hynix Semiconductor HMT325U7CFR8A Datasheet HTML 8Page - Hynix Semiconductor HMT325U7CFR8A Datasheet HTML 9Page - Hynix Semiconductor HMT325U7CFR8A Datasheet HTML 10Page - Hynix Semiconductor HMT325U7CFR8A Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Rev. 1.1 / Jul. 2013
7
DQS0–DQS8
DQS0–DQS8
SSTL
Differential
crossing
Data strobe for input and output data.
SA0–SA2
These signals are tied at the system planar to either VSS or VDDSPD to con-
figure the serial SPD EEPROM address range.
SDA
This bidirectional pin is used to transfer data into or out of the SPD
EEPROM. An external resistor may be connected from the SDA bus line to
VDDSPD to act as a pullup on the system board.
SCL
This signal is used to clock data into and out of the SPD EEPROM. An
external resistor may be connected from the SCL bus time to VDDSPD to act
as a pullup on the system board.
VDDSPD
Supply
Power supply for SPD EEPROM. This supply is separate from the VDD/VDDQ
power plane. EEPROM supply is operable from 3.0V to 3.6V.
Symbol
Type
Polarity
Function


Similar Part No. - HMT325U7CFR8A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325U7CFR8C HYNIX-HMT325U7CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U7CFR8C-H9 HYNIX-HMT325U7CFR8C-H9 Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U7CFR8C-PB HYNIX-HMT325U7CFR8C-PB Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U7CFR8C-RD HYNIX-HMT325U7CFR8C-RD Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
More results

Similar Description - HMT325U7CFR8A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325U7EFR8A HYNIX-HMT325U7EFR8A Datasheet
1,012Kb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
HMT325A7CFR8A HYNIX-HMT325A7CFR8A Datasheet
714Kb / 50P
   DDR3L SDRAM ECC SO-DIMMs Based on 2Gb C-die
HMT41GU6MFR8A HYNIX-HMT41GU6MFR8A Datasheet
1Mb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT425U6AFR6A HYNIX-HMT425U6AFR6A Datasheet
1Mb / 60P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
HMT451U6DFR8A HYNIX-HMT451U6DFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb D-Die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
HMT451U6BFR8A HYNIX-HMT451U6BFR8A Datasheet
802Kb / 57P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb B-Die
HMT325S6EFR8A HYNIX-HMT325S6EFR8A Datasheet
1,022Kb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb E-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com