Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS758KCB-150U-PFF-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ACS758KCB-150U-PFF-T
Description  Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS758KCB-150U-PFF-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  ACS758KCB-150U-PFF-T Datasheet HTML 1Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 2Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 3Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 4Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 5Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 6Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 7Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 8Page - Allegro MicroSystems ACS758KCB-150U-PFF-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Thermally Enhanced, Fully Integrated, Hall Effect-Based
Linear Current Sensor IC with 100 μΩ Current Conductor
ACS758xCB
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
IP+
IP–
VIOUT
GND
VCC
4
5
3
2
1
Terminal List Table
Number
Name
Description
1
VCC
Device power supply terminal
2
GND
Signal ground terminal
3
VIOUT
Analog output signal
4
IP+
Terminal for current being sampled
5
IP–
Terminal for current being sampled
Functional Block Diagram
Pin-out Diagram
Amp
Out
VCC
+3.3 to 5 V
VIOUT
GND
0.1 μF
IP–
IP+
Gain
Temperature
Coefficient
Gain
Trim Control
Offset
Temperature
Coefficient
Offset
To all subcircuits


Similar Part No. - ACS758KCB-150U-PFF-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758KCB-150U-PFF-T ALLEGRO-ACS758KCB-150U-PFF-T Datasheet
649Kb / 21P
   The Allegro ACS758 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
More results

Similar Description - ACS758KCB-150U-PFF-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS770 ALLEGRO-ACS770 Datasheet
1Mb / 29P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
ACS714 ALLEGRO-ACS714_16 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS715 ALLEGRO-ACS715_16 Datasheet
796Kb / 15P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com