Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS758KCB-150B-PSS-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS758KCB-150B-PSS-T
Description  Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS758KCB-150B-PSS-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS758KCB-150B-PSS-T Datasheet HTML 3Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 4Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 5Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 6Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 7Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 8Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 9Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 10Page - Allegro MicroSystems ACS758KCB-150B-PSS-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Thermally Enhanced, Fully Integrated, Hall Effect-Based
Linear Current Sensor IC with 100 μΩ Current Conductor
ACS758xCB
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
X
050B PERFORMANCE CHARACTERISTICS1: T
OP = –40°C to 150°C, VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Primary Sampled Current
IP
–50
50
A
Sensitivity
SensTA
Full scale of IP applied for 5 ms, TA = 25°C
40
mV/A
Sens(TOP)HT Full scale of IP applied for 5 ms, TOP = 25°C to 150°C
39.4
mV/A
Sens(TOP)LT Full scale of IP applied for 5 ms,TOP = –40°C to 25°C
41
mV/A
Noise2
VNOISE
TA= 25°C, 10 nF on VIOUT pin to GND
10
mV
Nonlinearity
ELIN
Up to full scale of IP, IP applied for 5 ms
–1
1
%
Electrical Offset Voltage3
VOE(TA)
IP = 0 A, TA = 25°C
±5
mV
VOE(TOP)HT IP = 0 A, TOP = 25°C to 150°C
±15
mV
VOE(TOP)LT IP = 0 A, TOP = –40°C to 25°C
±35
mV
Magnetic Offset Error
IERROM
IP = 0 A, TA = 25°C, after excursion of 50 A
100
mA
Total Output Error4
ETOT(HT)
Over full scale of IP, IP applied for 5 ms, TOP = 25°C to 150°C
–1.2
%
ETOT(LT)
Over full scale of IP, IP applied for 5 ms, TOP = –40°C to 25°C
2
%
1See Characteristic Performance Data page for parameter distributions over temperature range.
2±3 sigma noise voltage.
3VOE(TOP) drift is referred to ideal VIOUT(Q) = 2.5 V.
4Percentage of IP. Output filtered.
X
050U PERFORMANCE CHARACTERISTICS1: T
OP = –40°C to 150°C, VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Primary Sampled Current
IP
0
50
A
Sensitivity
SensTA
Full scale of IP applied for 5 ms, TA = 25°C
60
mV/A
Sens(TOP)HT Full scale of IP applied for 5 ms, TOP = 25°C to 150°C
59
mV/A
Sens(TOP)LT Full scale of IP applied for 5 ms,TOP = –40°C to 25°C
61
mV/A
Noise2
VNOISE
TA= 25°C, 10 nF on VIOUT pin to GND
15
mV
Nonlinearity
ELIN
Up to full scale of IP, IP applied for 5 ms
–1
1
%
Electrical Offset Voltage3
VOE(TA)
IP = 0 A, TA = 25°C
±5
mV
VOE(TOP)HT IP = 0 A, TOP = 25°C to 150°C
±20
mV
VOE(TOP)LT IP = 0 A, TOP = –40°C to 25°C
±40
mV
Magnetic Offset Error
IERROM
IP = 0 A, TA = 25°C, after excursion of 50 A
100
mA
Total Output Error4
ETOT(HT)
Over full scale of IP, IP applied for 5 ms, TOP = 25°C to 150°C
–1.2
%
ETOT(LT)
Over full scale of IP, IP applied for 5 ms, TOP = –40°C to 25°C
2
%
1See Characteristic Performance Data page for parameter distributions over temperature range.
2±3 sigma noise voltage.
3VOE(TOP) drift is referred to ideal VIOUT(Q) = 0.6 V.
4Percentage of IP. Output filtered.


Similar Part No. - ACS758KCB-150B-PSS-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758KCB-150B-PSS-T ALLEGRO-ACS758KCB-150B-PSS-T Datasheet
594Kb / 16P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758KCB-150B-PSS-T ALLEGRO-ACS758KCB-150B-PSS-T Datasheet
649Kb / 21P
   The Allegro ACS758 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing.
More results

Similar Description - ACS758KCB-150B-PSS-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS770 ALLEGRO-ACS770 Datasheet
1Mb / 29P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
ACS714 ALLEGRO-ACS714_16 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS715 ALLEGRO-ACS715_16 Datasheet
796Kb / 15P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com