Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

111SM2-T Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # 111SM2-T
Description  Interactive Catalog Replaces Catalog Pages
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

111SM2-T Datasheet(HTML) 4 Page - Honeywell Accelerometers

  111SM2-T Datasheet HTML 1Page - Honeywell Accelerometers 111SM2-T Datasheet HTML 2Page - Honeywell Accelerometers 111SM2-T Datasheet HTML 3Page - Honeywell Accelerometers 111SM2-T Datasheet HTML 4Page - Honeywell Accelerometers 111SM2-T Datasheet HTML 5Page - Honeywell Accelerometers 111SM2-T Datasheet HTML 6Page - Honeywell Accelerometers 111SM2-T Datasheet HTML 7Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Basic Switches
SM Series
Subminiature
28
Honeywell
MICRO SWITCH Sensing and Control
For application help: call 1-800-537-6945.
Characteristics: O.F. — Operating Force; R.F. — Release
Force; P.T. — Pretravel; O.T. — Overtravel; D.T. — Differential
Travel; O.P. — Operating Position.
ORDER GUIDE
INTEGRAL LEVERS
Electrical
Data And O.F. max. R.F. max. P.T. max.
O.T. min. D.T. max.
O.P.
Catalog
UL Code
newtons
newtons
mm
mm
mm
mm
Listing
Description
Page 20
ounces
ounces
inches
inches
inches
inches
311SM1-T
.285 inch (7,24mm)
5 Amps
0,39
0,07
2,16
0,51
0,48
8,64
±1,5
straight lever
J
1.4
.25
.085
.020
.019
.340
±.060
311SM23-T
As above with gold
1 Amp
0,39
0,07
2,16
0,51
0,48
8,64
±1,5
contacts
N
1.4
.25
.085
.020
.019
.340
±.060
311SM701-T
.285 inch (7,24mm)
4 Amps
0,16
0,03
2,16
0,51
0,36
8,64
±1,5
straight lever.
Lower force
S
.57
.11
.085
.020
.014
.340
±.060
Dim. Dwg. Fig. 4
311SM2-T
.565 inch (14,35mm)
5 Amps
0,31
0,05
3,05
0,66
0,69
8,51
±2
straight lever
J
1.1
.18
.120
.026
.027
.335
±.080
311SM43-T
As above with gold
1 Amp
0,31
0,05
3,05
0,66
0,69
8,51
±2
contacts
N
1.1
.18
.120
.026
.027
.335
±.080
311SM702-T
.565 inch (14,35mm)
4 Amps
0,11
0,02
3,05
0,66
0,38
8,51
±2
straight lever.
Lower force
S
.4
.07
.120
.026
.015
.335
±.080
Dim. Dwg. Fig. 5
311SM3-T
1.765 inch (44,8mm)
5 Amps
0,15
0,02
7,87
1,45
2,8
7,11
±4,3
straight lever
J
.53
.07
.310
.057
.110
.280
±.170
311SM17-H58 As above with gold
1 Amp
0,15
0,02
7,87
1,45
2,8
7,11
±4,3
contacts
N
.53
.07
.310
.057
.110
.280
±.170
311SM703-T
1.765 inch (44,8mm)
4 Amps
0,06
0,01
7,87
1,45
1,78
7,11
±4,3
straight lever.
Lower force
S
.2
.04
.310
.057
.070
.280
±170
Dim. Dwg. Fig. 6
311SM4-T
.251 inch (6,38mm)
5 Amps
0,39
0,07
2,16
0,46
0,48
11,7
±1,5
simulated roller lever
J
1.4
.25
.085
.018
.019
.460
±.060
311SM25-T
As above with gold
1 Amp
0,39
0,07
2,16
0,46
0,48
11,7
±1,5
contacts
N
1.4
.25
.085
.018
.019
.460
±.060
311SM704-T
.251 inch (6,38mm)
4 Amps
0,16
0,03
2,16
0,46
0,33
11,7
±1,5
simulated roller lever.
S
.57
.11
.085
.018
.013
.460
±.060
Lower force
Dim. Dwg. Fig. 7
311SM5-T
.535 inch (13,6mm)
5 Amps
0,31
0,05
3,05
0,66
0,69
11,56
±2
simulated roller lever
J
1.1
.18
.120
.026
.027
.455
±.080
311SM705-T
.535 inch (13,6mm)
4 Amps
0,11
0,02
3,05
0,66
0,38
11,56
±2
simulated roller lever.
S
.4
.07
.120
.026
.015
.455
±.080
Lower force
Dim. Dwg. Fig. 8
311SM6-T
.251 inch (6,38mm)
5 Amps
0,39
0,07
2,16
0,46
0,48
14,2
±1,5
roller lever
J
1.4
.25
.085
.018
.019
.560
±.060
311SM68-T
As above with gold
1 Amp
0,39
0,07
2,16
0,46
0,48
14,2
±1,5
contacts
N
1.4
.25
.085
.018
.019
.560
±.060
311SM706-T
.251 inch (6,38mm)
4 Amps
0,16
0,03
2,16
0,46
0,33
14,2
±1,5
roller lever.
Lower force
S
.57
.11
.085
.018
.013
.560
±.060
Dim. Dwg. Fig. 9
311SM7-T
.535 inch (13,6mm)
5 Amps
0,31
0,05
3,05
0,66
0,69
14,1
±2
roller lever
J
1.1
.18
.120
.026
.027
.555
±.080
Dim. Dwg. Fig. 10


Similar Part No. - 111SM2-T

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
111SM2-T HONEYWELL-ACC-111SM2-T Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
Honeywell Solid State E...
111SM2-T HONEYWELL-111SM2-T Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
111SM2-T HONEYWELL-ACC-111SM2-T Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
111SM2-T HONEYWELL-ACC-111SM2-T Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
111SM2-T HONEYWELL-ACC-111SM2-T Datasheet
263Kb / 8P
   Interactive Catalog Replaces Catalog Pages
More results

Similar Description - 111SM2-T

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com