Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJD477006NJ Datasheet(PDF) 7 Page - AVX Corporation

Part # TAJD477006NJ
Description  TAJ Series Standard Tantalum
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJD477006NJ Datasheet(HTML) 7 Page - AVX Corporation

  TAJD477006NJ Datasheet HTML 1Page - AVX Corporation TAJD477006NJ Datasheet HTML 2Page - AVX Corporation TAJD477006NJ Datasheet HTML 3Page - AVX Corporation TAJD477006NJ Datasheet HTML 4Page - AVX Corporation TAJD477006NJ Datasheet HTML 5Page - AVX Corporation TAJD477006NJ Datasheet HTML 6Page - AVX Corporation TAJD477006NJ Datasheet HTML 7Page - AVX Corporation TAJD477006NJ Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
12
TAJ Automotive Range
Standard Tantalum - Automotive Product Range
RATINGS & PART NUMBER REFERENCE
Moinsture Sensitivity Level (MSL) is defined according to J-STD-020
*Please use "U" instead of "T" in the suffix letter for 13'' reel packaging
Please use specific PN for automotive version – see “HOW TO ORDER”.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 126.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.*
Size
(μF)
(V)
Max.
Max.
@100kHz
6.3 Volt @ 85ºC (4 Volt @ 125ºC)
TAJA335*006TNJ
A
3.3
6.3
0.5
6
7
1
TAJA106*006TNJ
A
10
6.3
0.6
6
4
1
TAJB106*006TNJ
B
10
6.3
0.6
6
3
1
TAJA156*006TNJ
A
15
6.3
0.9
6
3.5
1
TAJA226*006TNJ
A
22
6.3
1.4
6
3
1
TAJB226*006TNJ
B
22
6.3
1.4
6
2.5
1
TAJC226*006TNJ
C
22
6.3
1.4
6
2
1
TAJA336*006TNJ
A
33
6.3
2.1
8
2.2
1
TAJB336*006TNJ
B
33
6.3
2.1
6
2.2
1
TAJB476*006TNJ
B
47
6.3
3
6
2
1
TAJC476*006TNJ
C
47
6.3
3
6
1.6
1
TAJB686*006TNJ
B
68
6.3
4
8
0.9
1
TAJC686*006TNJ
C
68
6.3
4.3
6
1.5
1
TAJC107*006TNJ
C
100
6.3
6.3
6
0.9
1
TAJD107*006TNJ
D
100
6.3
6.3
6
0.9
3
TAJC157*006TNJ
C
150
6.3
9.5
6
1.3
1
TAJD157*006TNJ
D
150
6.3
9.5
6
0.9
3
TAJD227*006TNJ
D
220
6.3
13.9
8
0.4
3
TAJD337*006TNJ
D
330
6.3
20.8
8
0.4
3
TAJE337*006TNJ
E
330
6.3
20.8
8
0.4
3
TAJD477*006TNJ
D
470
6.3
28
12
0.4
3
TAJE477*006TNJ
E
470
6.3
28
10
0.4
3
TAJE687*006TNJ
E
680
6.3
42.8
10
0.5
3
10 Volt @ 85ºC (7 Volt @ 125ºC)
TAJA225*010TNJ
A
2.2
10
0.5
6
7
1
TAJA475*010TNJ
A
4.7
10
0.5
6
5
1
TAJB475*010TNJ
B
4.7
10
0.5
6
4
1
TAJA685*010TNJ
A
6.8
10
0.7
6
4
1
TAJB685*010TNJ
B
6.8
10
0.7
6
3
1
TAJA106*010TNJ
A
10
10
1
6
3
1
TAJB106*010TNJ
B
10
10
1
6
2.1
1
TAJA156*010TNJ
A
15
10
1.5
6
3.2
1
TAJB156*010TNJ
B
15
10
1.5
6
2.8
1
TAJC156*010TNJ
C
15
10
1.5
6
2
1
TAJA226*010TNJ
A
22
10
2.2
8
3
1
TAJB226*010TNJ
B
22
10
2.2
6
2.4
1
TAJC226*010TNJ
C
22
10
2.2
6
1.8
1
TAJB336*010TNJ
B
33
10
3.3
6
1.8
1
TAJC336*010TNJ
C
33
10
3.3
6
1.6
1
TAJB476*010TNJ
B
47
10
4.7
8
1
1
TAJC476*010TNJ
C
47
10
4.7
6
1.2
1
TAJD476*010TNJ
D
47
10
4.7
6
0.4
3
TAJC686*010TNJ
C
68
10
6.8
6
1.3
1
TAJD686*010TNJ
D
68
10
6.8
6
0.9
3
TAJC107*010TNJ
C
100
10
10
8
1.2
1
TAJD107*010TNJ
D
100
10
10
6
0.9
3
TAJD157*010TNJ
D
150
10
15
8
0.9
3
TAJE157*010TNJ
E
150
10
15
8
0.9
3
TAJD227*010TNJ
D
220
10
22
8
0.5
3
TAJE227*010TNJ
E
220
10
22
8
0.5
3
TAJE337*010TNJ
E
330
10
33
8
0.9
3
16 Volt @ 85ºC (10 Volt @ 125ºC)
TAJA105*016TNJ
A
1
16
0.5
4
11
1
TAJA225*016TNJ
A
2.2
16
0.5
6
6.5
1
TAJA335*016TNJ
A
3.3
16
0.5
6
5
1
TAJB335*016TNJ
B
3.3
16
0.5
6
4.5
1
TAJA475*016TNJ
A
4.7
16
0.8
6
4
1
TAJB475*016TNJ
B
4.7
16
0.8
6
3.5
1
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.*
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJA685*016TNJ
A
6.8
16
1.1
6
3.5
1
TAJB685*016TNJ
B
6.8
16
1.1
6
2.5
1
TAJA106*016TNJ
A
10
16
1.6
6
3
1
TAJB106*016TNJ
B
10
16
1.6
6
2.8
1
TAJC106*016TNJ
C
10
16
1.6
6
2
1
TAJB156*016TNJ
B
15
16
2.4
6
2.5
1
TAJC156*016TNJ
C
15
16
2.4
6
1.8
1
TAJB226*016TNJ
B
22
16
3.5
6
2.3
1
TAJC226*016TNJ
C
22
16
3.5
6
1
1
TAJD226*016TNJ
D
22
16
3.5
6
1.1
3
TAJC336*016TNJ
C
33
16
5.3
6
1.5
1
TAJD336*016TNJ
D
33
16
5.3
6
0.9
3
TAJC476*016TNJ
C
47
16
7.5
6
0.5
1
TAJD476*016TNJ
D
47
16
7.5
6
0.9
3
TAJC686*016TNJ
C
68
16
10.9
6
1.3
1
TAJD686*016TNJ
D
68
16
10.9
6
0.9
3
TAJD107*016TNJ
D
100
16
16
6
0.6
3
TAJE107*016TNJ
E
100
16
16
6
0.9
3
TAJE157*016TNJ
E
150
16
23
8
0.3
3
20 Volt @ 85º (13 Volt @ 125ºC)
TAJA105*020TNJ
A
1
20
0.5
4
9
1
TAJA155*020TNJ
A
1.5
20
0.5
6
6.5
1
TAJA225*020TNJ
A
2.2
20
0.5
6
5.3
1
TAJB225*020TNJ
B
2.2
20
0.5
6
3.5
1
TAJA335*020TNJ
A
3.3
20
0.7
6
4.5
1
TAJB335*020TNJ
B
3.3
20
0.7
6
3
1
TAJA475*020TNJ
A
4.7
20
0.9
6
4
1
TAJB475*020TNJ
B
4.7
20
0.9
6
3
1
TAJB685*020TNJ
B
6.8
20
1.4
6
2.5
1
TAJC685*020TNJ
C
6.8
20
1.4
6
2
1
TAJB106*020TNJ
B
10
20
2
6
2.1
1
TAJC106*020TNJ
C
10
20
2
6
1.2
1
TAJB156*020TNJ
B
15
20
3
6
2
1
TAJC156*020TNJ
C
15
20
3
6
1.7
1
TAJC226*020TNJ
C
22
20
4.4
6
1.6
1
TAJD226*020TNJ
D
22
20
4.4
6
0.9
3
TAJC336*020TNJ
C
33
20
6.6
6
1.5
1
TAJD336*020TNJ
D
33
20
6.6
6
0.9
3
TAJD476*020TNJ
D
47
20
9.4
6
0.9
3
TAJD686*020TNJ
D
68
20
13.6
6
0.4
3
TAJE686*020TNJ
E
68
20
13.6
6
0.9
3
TAJE107*020TNJ
E
100
20
20
6
0.4
3
25 Volt @ 85ºC (17 Volt @ 125ºC)
TAJA474*025TNJ
A
0.47
25
0.5
4
14
1
TAJA684*025TNJ
A
0.68
25
0.5
4
10
1
TAJA105*025TNJ
A
1
25
0.5
4
8
1
TAJA155*025TNJ
A
1.5
25
0.5
6
7.5
1
TAJA225*025TNJ
A
2.2
25
0.6
6
7
1
TAJB225*025TNJ
B
2.2
25
0.6
6
4.5
1
TAJB335*025TNJ
B
3.3
25
0.8
6
3.5
1
TAJB475*025TNJ
B
4.7
25
1.2
6
1.5
1
TAJC475*025TNJ
C
4.7
25
1.2
6
2.4
1
TAJB685*025TNJ
B
6.8
25
1.7
6
2.8
1
TAJC685*025TNJ
C
6.8
25
1.7
6
2
1
TAJC106*025TNJ
C
10
25
2.5
6
1.8
1
TAJD106*025TNJ
D
10
25
2.5
6
1.2
3
TAJC156*025TNJ
C
15
25
3.8
6
1.6
1
TAJD156*025TNJ
D
15
25
3.8
6
1
3
TAJC226*025TNJ
C
22
25
5.5
6
1.4
1


Similar Part No. - TAJD477006NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJD477006NJ AVX-TAJD477006NJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJD477006NJ AVX-TAJD477006NJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJD477006NJ AVX-TAJD477006NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD477006NJ AVX-TAJD477006NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJD477006NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA475K025RNJ AVX-TAJA475K025RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJD106K050RNJ AVX-TAJD106K050RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJE227K016RNJ AVX-TAJE227K016RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJA105K016RNJ AVX-TAJA105K016RNJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJA106K016RNJ AVX-TAJA106K016RNJ Datasheet
143Kb / 8P
   TAJ Series Standard Tantalum
TAJA476K006RNJ AVX-TAJA476K006RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJB335K016RNJ AVX-TAJB335K016RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJC107M006RNJ AVX-TAJC107M006RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJC107M010RNJ AVX-TAJC107M010RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJB227M004RNJ AVX-TAJB227M004RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com