Electronic Components Datasheet Search |
|
TAP336016 Datasheet(PDF) 1 Page - AVX Corporation |
|
TAP336016 Datasheet(HTML) 1 Page - AVX Corporation |
1 / 3 page JUNE 2013 I 117 H D Dipped Radial Capacitors TAP Series TAP is a professional grade device manufactured with a flame retardant coating and featuring low leakage current and impedance, very small physical sizes and exceptional temperature stability. It is designed and conditioned to operate to +125°C (see page 153 for voltage derating above 85°C) and is available loose or taped and reeled for auto insertion. The 15 case sizes with wide capacitance and working voltage ranges means the TAP can accommodate almost any application. MAXIMUM CASE DIMENSIONS: millimeters (inches) TAP Type 475 Capacitance Code pF code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) M Capacitance Tolerance K = ±10% M = ±20% (For J = ±5% tolerance, please consult factory) 035 Rated DC Voltage SCS Suffix indicating wire form and packaging (see page 116) HOW TO ORDER Wire C, F, G, H B, S, D Case H *H1 D A 8.50 (0.330) 7.00 (0.280) 4.50 (0.180) B 9.00 (0.350) 7.50 (0.300) 4.50 (0.180) C 10.0 (0.390) 8.50 (0.330) 5.00 (0.200) D 10.5 (0.410) 9.00 (0.350) 5.00 (0.200) E 10.5 (0.410) 9.00 (0.350) 5.50 (0.220) F 11.5 (0.450) 10.0 (0.390) 6.00 (0.240) G 11.5 (0.450) 10.0 (0.390) 6.50 (0.260) H 12.0 (0.470) 10.5 (0.410) 7.00 (0.280) J 13.0 (0.510) 11.5 (0.450) 8.00 (0.310) K 14.0 (0.550) 12.5 (0.490) 8.50 (0.330) L 14.0 (0.550) 12.5 (0.490) 9.00 (0.350) M 14.5 (0.570) 13.0 (0.510) 9.00 (0.350) N 16.0 (0.630) 9.00 (0.350) P 17.0 (0.670) 10.0 (0.390) R 18.5 (0.730) 10.0 (0.390) SOLID TANTALUM RESIN DIPPED CAPACITORS LEAD-FREE COMPATIBLE COMPONENT |
Similar Part No. - TAP336016 |
|
Similar Description - TAP336016 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |