Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCJB227M0040045 Datasheet(PDF) 5 Page - AVX Corporation

Part # TCJB227M0040045
Description  TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJB227M0040045 Datasheet(HTML) 5 Page - AVX Corporation

  TCJB227M0040045 Datasheet HTML 1Page - AVX Corporation TCJB227M0040045 Datasheet HTML 2Page - AVX Corporation TCJB227M0040045 Datasheet HTML 3Page - AVX Corporation TCJB227M0040045 Datasheet HTML 4Page - AVX Corporation TCJB227M0040045 Datasheet HTML 5Page - AVX Corporation TCJB227M0040045 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AUGUST 2013
n 73
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
Moinsture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at
120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 146.
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case Capacitance
Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
105ºC
25ºC
85ºC
105ºC
TCJD227M006#0050
D
220
6.3
132
6
50
3
1732
1559
1126
87
78
56
TCJY227M006#0035
Y
220
6.3
132
6
35
3
1890
1701
1228
66
60
43
TCJY227M006#0040
Y
220
6.3
132
6
40
3
1768
1591
1149
71
64
46
TCJY227M006#0050
Y
220
6.3
132
6
50
3
1581
1423
1028
79
71
51
TCJD337M006#0040
D
330
6.3
198
6
40
3
1936
1743
1259
77
70
50
TCJD337M006#0050
D
330
6.3
198
6
50
3
1732
1559
1126
87
78
56
TCJY337M006#0040
Y
330
6.3
198
12
40
3
1768
1591
1149
71
64
46
TCJY337M006#0050
Y
330
6.3
198
12
50
3
1581
1423
1028
79
71
51
10 Volt @ 85°C (8 Volt @ 105°C)
TCJT226M010#0070
T
22
10
22
6
70
3
1069
962
695
75
67
49
TCJD686M010#0045
D
68
10
68
6
45
3
1826
1643
1187
82
74
53
TCJD686M010#0055
D
68
10
68
6
55
3
1651
1486
1073
91
82
59
TCJY686M010#0045
Y
68
10
68
6
45
3
1667
1500
1083
75
68
49
TCJY686M010#0055
Y
68
10
68
6
55
3
1508
1357
980
83
75
54
TCJD107M010#0045
D
100
10
100
6
45
3
1826
1643
1187
82
74
53
TCJD107M010#0055
D
100
10
100
6
55
3
1651
1486
1073
91
82
59
TCJY107M010#0045
Y
100
10
100
6
45
3
1667
1500
1083
75
68
49
TCJY107M010#0055
Y
100
10
100
6
55
3
1508
1357
980
83
75
54
TCJD157M010#0040
D
150
10
150
6
40
3
1936
1743
1259
77
70
50
TCJD157M010#0045
D
150
10
150
6
45
3
1826
1643
1187
82
74
53
TCJD157M010#0055
D
150
10
150
6
55
3
1651
1486
1073
91
82
59
TCJY157M010#0040
Y
150
10
150
6
40
3
1768
1591
1149
71
64
46
TCJY157M010#0045
Y
150
10
150
6
45
3
1667
1500
1083
75
68
49
TCJY157M010#0055
Y
150
10
150
6
55
3
1508
1357
980
83
75
54
TCJD227M010#0040
D
220
10
220
6
40
3
1936
1743
1259
77
70
50
TCJD227M010#0050
D
220
10
220
6
50
3
1732
1559
1126
87
78
56
TCJY227M010#0040
Y
220
10
220
6
40
3
1768
1591
1149
71
64
46
TCJY227M010#0050
Y
220
10
220
6
50
3
1581
1423
1028
79
71
51
16 Volt @ 85°C (12.8 Volt @ 105°C)
TCJY336M016#0045
Y
33
16
52.8
6
45
3
1667
1500
1083
75
68
49
TCJY336M016#0060
Y
33
16
52.8
6
60
3
1443
1299
938
87
78
56
TCJY336M016#0070
Y
33
16
52.8
6
70
3
1336
1203
869
94
84
61
TCJY476M016#0045
Y
47
16
75.2
6
45
3
1667
1500
1083
75
68
49
TCJY476M016#0070
Y
47
16
75.2
6
70
3
1336
1203
869
94
84
61
TCJD686M016#0045
D
68
16
108.8
6
45
3
1826
1643
1187
82
74
53
TCJD686M016#0055
D
68
16
108.8
6
55
3
1651
1486
1073
91
82
59
TCJY686M016#0045
Y
68
16
108.8
6
45
3
1667
1500
1083
75
68
49
TCJY686M016#0050
Y
68
16
108.8
6
50
3
1581
1423
1028
79
71
51
TCJE107M016#0040
E
100
16
160.0
6
40
3
2031
1828
1320
81
73
53
TCJE157M016#0040
E
150
16
240.0
6
40
3
2031
1828
1320
81
73
53
20 Volt @ 85°C (16 Volt @ 105°C)
TCJY226M020#0070
Y
22
20
44.0
6
70
3
1336
1203
869
94
84
61
TCJY336M020#0070
Y
33
20
66.0
6
70
3
1336
1203
869
94
84
61
TCJY476M020#0070
Y
47
20
94.0
6
70
3
1336
1203
869
94
84
61
TCJD686M020#0055
D
68
20
136.0
6
55
3
1651
1486
1073
91
82
59
TCJE686M020#0045
E
68
20
136.0
6
45
3
1915
1723
1245
86
78
56
TCJD107M020#0055
D
100
20
200.0
6
55
3
1651
1486
1073
91
82
59
TCJE107M020#0045
E
100
20
200.0
6
45
3
1915
1723
1245
86
78
56
25 Volt @ 85°C (20 Volt @ 105°C)
TCJP105M025#0500
P
1.0
25
2.5
6
500
3
346
312
225
173
156
113
TCJB475M025#0090
B
4.7
25
11.8
6
90
3
972
875
632
87
79
57
TCJB475M025#0150
B
4.7
25
11.8
6
150
3
753
677
489
113
102
73
TCJB685M025#0090
B
6.8
25
17.0
6
90
3
972
875
632
87
79
57
TCJB685M025#0150
B
6.8
25
17.0
6
150
3
753
677
489
113
102
73
TCJB106M025#0090
B
10
25
25.0
6
90
3
972
875
632
87
79
57
TCJB106M025#0150
B
10
25
25.0
6
150
3
753
677
489
113
102
73
TCJB156M025#0100
B
15
25
37.5
6
100
3
922
830
599
92
83
60
TCJB156M025#0150
B
15
25
37.5
6
150
3
753
677
489
113
102
73
TCJB226M025#0150
B
22
25
55.0
6
150
3
753
677
489
113
102
73
TCJC226M025#0100
C
22
25
55.0
6
100
3
1049
944
682
105
94
68
TCJD226M025#0060
D
22
25
55.0
6
60
3
1581
1423
1028
95
85
62
TCJD226M025#0100
D
22
25
55.0
6
100
3
1225
1102
796
122
110
80
TCJY226M025#0070
Y
22
25
55.0
6
70
3
1336
1203
869
94
84
61
TCJD336M025#0060
D
33
25
82.5
6
60
3
1581
1423
1028
95
85
62
TCJD336M025#0100
D
33
25
82.5
6
100
3
1225
1102
796
122
110
80
TCJY336M025#0060
Y
33
25
82.5
6
60
3
1443
1299
938
87
78
56
NOTE: AVX reserves the right to supply a higher volt-
age rating or tighter tolerance part in the same
case size, to the same reliability standards.


Similar Part No. - TCJB227M0040045

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB227M0040045 AVX-TCJB227M0040045 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB227M0040045 AVX-TCJB227M0040045 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJB227M0040045 AVX-TCJB227M0040045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB227M0040045 AVX-TCJB227M0040045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJB227M0040045

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJT476M006R0080 AVX-TCJT476M006R0080 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com