Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAP475010 Datasheet(PDF) 7 Page - AVX Corporation

Part # TAP475010
Description  Section 3: Introduction Foreword
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP475010 Datasheet(HTML) 7 Page - AVX Corporation

Back Button TAP475010 Datasheet HTML 3Page - AVX Corporation TAP475010 Datasheet HTML 4Page - AVX Corporation TAP475010 Datasheet HTML 5Page - AVX Corporation TAP475010 Datasheet HTML 6Page - AVX Corporation TAP475010 Datasheet HTML 7Page - AVX Corporation TAP475010 Datasheet HTML 8Page - AVX Corporation TAP475010 Datasheet HTML 9Page - AVX Corporation TAP475010 Datasheet HTML 10Page - AVX Corporation TAP475010 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
122
MAY 2013
SOLID TANTALUM RESIN DIPPED TAP/TEP
Dipped Radial Capacitors
Tape and Reel Packaging
Description
Code
Dimension
Feed hole pitch
P
12.7 ± 0.30 (0.500 ± 0.010)
Hole center to lead
P1
3.85 ± 0.70 (0.150 ± 0.030)
to be measured at bottom
of clench
5.05 ± 1.00 (0.200 ± 0.040)
for S wire
Hole center to component center
P2
6.35 ± 0.40 (0.250 ± 0.020)
Change in pitch
Δp
± 1.00 (± 0.040)
Lead diameter
d
0.50 ± 0.05 (0.020 ± 0.003)
Lead spacing
S
See wire form table
Component alignment
Δh
0 ± 2.00 (0 ± 0.080)
Feed hole diameter
D
4.00 ± 0.20 (0.150 ± 0.008)
Tape width
W
18.0 + 1.00 (0.700 + 0.040)
- 0.50
- 0.020)
Hold down tape width
W1
6.00 (0.240) min.
Hold down tape position
W2
1.00 (0.040) max.
Lead wire clench height
H
16.0 ± 0.50 (0.630 ± 0.020)
19.0 ± 1.00 (0.750 ± 0.040)
on request
Hole position
H1
9.00 ± 0.50 (0.350 ± 0.020)
Base of component height
H2
18.0 (0.700) min. (S wire only)
Component height
H3
32.25 (1.300) max.
Length of snipped lead
L
11.0 (0.430) max.
Total tape thickness
T
0.70 ± 0.20 (0.030 ± 0.001)
Carrying card
0.50 ± 0.10 (0.020 ± 0.005)
REEL CONFIGURATION AND
DIMENSIONS:
millimeters (inches)
Diameter 30
(1.18) max.
53 (2.09) max.
80
(3.15)
360 (14.17) max.
45 (1.77) max.
40 (1.57) min.
cardboard with plastic hub.
Holding tape outside
Manufactured from cardboard with plastic hub.
Holding tape outside. Positive terminal leading.
PACKAGING QUANTITIES
For Reels
For ‘Ammo’ pack
For bulk products
Style
Case size
No. of pieces
A
1500
B, C, D
1250
E, F
1000
G, H, J
750
K, L, M, N, P, R
500
Style
Case size
No. of pieces
A, B, C, D
3000
E, F, G
2500
H, J
2000
K, L, M, N, P, R
1000
Style
Case size
No. of pieces
A to H
1000
J to L
500
M to R
100
AMMO PACK DIMENSIONS
millimeters (inches) max.
Height 360 (14.17), width 360 (14.17), thickness 60 (2.36)
GENERAL NOTES
Resin dipped tantalum capacitors are only available taped in
the range of case sizes and in the modular quantities by case
size as indicated.
Packaging quantities on tape may vary by ±1%.
TAP
TEP
TAP
TEP
TAP
TEP
CASE DIMENSIONS: millimeters (inches)


Similar Part No. - TAP475010

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP475010 AVX-TAP475010 Datasheet
118Kb / 3P
   Dipped Radial Capacitors TAP Series
TAP475010 AVX-TAP475010 Datasheet
390Kb / 16P
   Sectiom 3: Introduction Foreword
TAP475010 AVX-TAP475010 Datasheet
110Kb / 3P
   Dipped Radial Capacitors
More results

Similar Description - TAP475010

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP106M016CCS AVX-TAP106M016CCS Datasheet
390Kb / 16P
   Section 3: Introduction Foreword
TAP105M035SRW AVX-TAP105M035SRW Datasheet
390Kb / 16P
   Sectiom 3: Introduction Foreword
TAP475M025CCS AVX-TAP475M025CCS Datasheet
337Kb / 16P
   Section 3: Introduction
TAP226K050CCS AVX-TAP226K050CCS Datasheet
390Kb / 16P
   Section 3: Introduction
logo
List of Unclassifed Man...
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
logo
Samsung semiconductor
KA567 SAMSUNG-KA567 Datasheet
179Kb / 6P
   INTRODUCTION
KA8309B SAMSUNG-KA8309B Datasheet
319Kb / 15P
   INTRODUCTION
logo
DAICO Industries, Inc.
DAT36217 DAICO-DAT36217 Datasheet
173Kb / 1P
   Attenuator 3 Section
logo
Samsung semiconductor
KA22261 SAMSUNG-KA22261 Datasheet
83Kb / 5P
   INTRODUCTION
logo
List of Unclassifed Man...
ECIO28 ETC2-ECIO28 Datasheet
3Mb / 9P
   Introduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com