Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAP337006 Datasheet(PDF) 3 Page - AVX Corporation

Part # TAP337006
Description  Section 3: Introduction Foreword
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP337006 Datasheet(HTML) 3 Page - AVX Corporation

  TAP337006 Datasheet HTML 1Page - AVX Corporation TAP337006 Datasheet HTML 2Page - AVX Corporation TAP337006 Datasheet HTML 3Page - AVX Corporation TAP337006 Datasheet HTML 4Page - AVX Corporation TAP337006 Datasheet HTML 5Page - AVX Corporation TAP337006 Datasheet HTML 6Page - AVX Corporation TAP337006 Datasheet HTML 7Page - AVX Corporation TAP337006 Datasheet HTML 8Page - AVX Corporation TAP337006 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MAY 2013
115
H
D
Dipped Radial Capacitors
TAP Series
TAP is a professional grade device manufactured
with a flame retardant coating and featuring low
leakage current and impedance, very small
physical sizes and exceptional temperature
stability. It is designed and conditioned to
operate to +125°C (see page 151 for voltage
derating above 85°C) and is available loose or
taped and reeled for auto insertion. The 15 case
sizes with wide capacitance and working voltage
ranges means the TAP can accommodate
almost any application.
MAXIMUM CASE DIMENSIONS: millimeters (inches)
TAP
Type
475
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Capacitance Tolerance
K = ±10%
M = ±20%
(For J = ±5% tolerance,
please consult factory)
035
Rated DC Voltage
SCS
Suffix indicating wire form
and packaging
(see page 114)
HOW TO ORDER
Wire
C, F, G, H
B, S, D
Case
H
*H1
D
A
8.50 (0.330)
7.00 (0.280)
4.50 (0.180)
B
9.00 (0.350)
7.50 (0.300)
4.50 (0.180)
C
10.0 (0.390)
8.50 (0.330)
5.00 (0.200)
D
10.5 (0.410)
9.00 (0.350)
5.00 (0.200)
E
10.5 (0.410)
9.00 (0.350)
5.50 (0.220)
F
11.5 (0.450)
10.0 (0.390)
6.00 (0.240)
G
11.5 (0.450)
10.0 (0.390)
6.50 (0.260)
H
12.0 (0.470)
10.5 (0.410)
7.00 (0.280)
J
13.0 (0.510)
11.5 (0.450)
8.00 (0.310)
K
14.0 (0.550)
12.5 (0.490)
8.50 (0.330)
L
14.0 (0.550)
12.5 (0.490)
9.00 (0.350)
M
14.5 (0.570)
13.0 (0.510)
9.00 (0.350)
N
16.0 (0.630)
9.00 (0.350)
P
17.0 (0.670)
10.0 (0.390)
R
18.5 (0.730)
10.0 (0.390)
SOLID TANTALUM RESIN DIPPED CAPACITORS
LEAD-FREE COMPATIBLE
COMPONENT


Similar Part No. - TAP337006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP337006 AVX-TAP337006 Datasheet
118Kb / 3P
   Dipped Radial Capacitors TAP Series
TAP337006 AVX-TAP337006 Datasheet
390Kb / 16P
   Sectiom 3: Introduction Foreword
TAP337006 AVX-TAP337006 Datasheet
110Kb / 3P
   Dipped Radial Capacitors
TAP337006 AVX-TAP337006 Datasheet
125Kb / 4P
   Dipped Radial Capacitors
More results

Similar Description - TAP337006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP106M016CCS AVX-TAP106M016CCS Datasheet
390Kb / 16P
   Section 3: Introduction Foreword
TAP105M035SRW AVX-TAP105M035SRW Datasheet
390Kb / 16P
   Sectiom 3: Introduction Foreword
TAP475M025CCS AVX-TAP475M025CCS Datasheet
337Kb / 16P
   Section 3: Introduction
TAP226K050CCS AVX-TAP226K050CCS Datasheet
390Kb / 16P
   Section 3: Introduction
logo
List of Unclassifed Man...
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
logo
Samsung semiconductor
KA567 SAMSUNG-KA567 Datasheet
179Kb / 6P
   INTRODUCTION
KA8309B SAMSUNG-KA8309B Datasheet
319Kb / 15P
   INTRODUCTION
logo
DAICO Industries, Inc.
DAT36217 DAICO-DAT36217 Datasheet
173Kb / 1P
   Attenuator 3 Section
logo
Samsung semiconductor
KA22261 SAMSUNG-KA22261 Datasheet
83Kb / 5P
   INTRODUCTION
logo
List of Unclassifed Man...
ECIO28 ETC2-ECIO28 Datasheet
3Mb / 9P
   Introduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com