Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCJA336M0040300 Datasheet(PDF) 6 Page - AVX Corporation

Part # TCJA336M0040300
Description  TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJA336M0040300 Datasheet(HTML) 6 Page - AVX Corporation

  TCJA336M0040300 Datasheet HTML 1Page - AVX Corporation TCJA336M0040300 Datasheet HTML 2Page - AVX Corporation TCJA336M0040300 Datasheet HTML 3Page - AVX Corporation TCJA336M0040300 Datasheet HTML 4Page - AVX Corporation TCJA336M0040300 Datasheet HTML 5Page - AVX Corporation TCJA336M0040300 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
74
n AUGUST 2013
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF
are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated
voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 146.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter
tolerance part in the same case size, to the same reliability standards.
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case Capacitance
Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
105ºC
25ºC
85ºC
105ºC
TCJY336M025#0070
Y
33
25
82.5
6
70
3
1336
1203
869
94
84
61
TCJY336M025#0100
Y
33
25
82.5
6
100
3
1118
1006
727
112
101
73
TCJD476M025#0060
D
47
25
117.5
6
60
3
1581
1423
1028
95
85
62
TCJD476M025#0100
D
47
25
117.5
6
100
3
1225
1102
796
122
110
80
TCJE476M025#0050
E
47
25
117.5
6
50
3
1817
1635
1181
91
82
59
TCJE686M025#0050
E
68
25
170.0
6
50
3
1817
1635
1181
91
82
59
TCJE107M025#0080
E
100
25
250.0
6
80
3
1436
1293
933
115
103
75
35 Volt @ 85°C (28 Volt @ 105°C)
TCJB155M035#0200
B
1.5
35
5.3
6
200
3
652
587
424
130
117
85
TCJB225M035#0200
B
2.2
35
7.7
6
200
3
652
587
424
130
117
85
TCJB335M035#0200
B
3.3
35
11.6
6
200
3
652
587
424
130
117
85
TCJB475M035#0200
B
4.7
35
16.5
6
200
3
652
587
424
130
117
85
TCJC475M035#0200
C
4.7
35
16.5
6
200
3
742
667
482
148
133
96
TCJC685M035#0200
C
6.8
35
23.8
6
200
3
742
667
482
148
133
96
TCJB106M035#0200
B
10
35
35.0
6
200
3
652
587
424
130
117
85
TCJC106M035#0200
C
10
35
35.0
6
200
3
742
667
482
148
133
96
TCJC156M035#0200
C
15
35
52.5
6
200
3
742
667
482
148
133
96
TCJY106M035#0070
Y
10
35
35.0
6
70
3
1336
1203
869
94
84
61
TCJD156M035#0070
D
15
35
52.5
6
70
3
1464
1317
952
102
92
67
TCJD156M035#0100
D
15
35
52.5
6
100
3
1225
1102
796
122
110
80
TCJD226M035#0070
D
22
35
77.0
6
70
3
1464
1317
952
102
92
67
TCJD226M035#0100
D
22
35
77.0
6
100
3
1225
1102
796
122
110
80
TCJD336M035#0070
D
33
35
115.5
6
70
3
1464
1317
952
102
92
67
TCJD336M035#0100
D
33
35
115.5
6
100
3
1225
1102
796
122
110
80
TCJE336M035#0055
E
33
35
115.5
6
55
3
1732
1559
1126
95
86
62
TCJE336M035#0070
E
33
35
115.5
6
70
3
1535
1382
998
107
97
70
TCJE476M035#0055
E
47
35
164.5
6
55
3
1732
1559
1126
95
86
62
50 Volt @ 85°C (40 Volt @ 105°C)
TCJB684M050#0400
B
0.68
50
3.4
6
400
3
461
415
300
184
166
120
TCJB105M050#0300
B
1.0
50
5.0
6
300
3
532
479
346
160
144
104
TCJB155M050#0300
B
1.5
50
7.5
6
300
3
532
479
346
160
144
104
TCJC155M050#0300
C
1.5
50
7.5
6
300
3
606
545
394
182
163
118
TCJC225M050#0300
C
2.2
50
11
6
300
3
606
545
394
182
163
118
TCJC335M050#0200
C
3.3
50
16.5
8
200
3
742
667
482
148
133
96
TCJC475M050#0200
C
4.7
50
23.5
8
200
3
742
667
482
148
133
96
TCJC685M050#0200
C
6.8
50
34.0
8
200
3
742
667
482
148
133
96
TCJD685M050#0120
D
6.8
50
34.0
10
120
3
1118
1006
727
134
121
87
TCJD106M050#0120
D
10
50
50.0
10
120
3
1118
1006
727
134
121
87
TCJE106M050#0070
E
10
50
50.0
6
70
3
1535
1382
998
107
97
70
TCJE106M050#0100
E
10
50
50.0
6
100
3
1285
1156
835
128
116
83
TCJE156M050#0070
E
15
50
75.0
6
70
3
1535
1382
998
107
97
70
TCJE156M050#0100
E
15
50
75.0
6
100
3
1285
1156
835
128
116
83
63 Volt @ 85°C (50.4 Volt @ 105°C)
TCJB474M063#0400
B
0.47
63
3.0
8
400
3
461
415
300
184
166
120
TCJB684M063#0300
B
0.68
63
4.3
8
300
3
532
479
346
160
144
104
TCJB105M063#0300
B
1.0
63
6.3
8
300
3
532
479
346
160
144
104
TCJC105M063#0300
C
1.0
63
6.3
6
300
3
606
545
394
182
163
118
TCJC155M063#0300
C
1.5
63
9.5
6
300
3
606
545
394
182
163
118
TCJC225M063#0200
C
2.2
63
13.9
6
200
3
742
667
482
148
133
96
TCJC335M063#0200
C
3.3
63
20.8
6
200
3
742
667
482
148
133
96
TCJC475M063#0200
C
4.7
63
29.6
6
200
3
742
667
482
148
133
96
TCJD475M063#0120
D
4.7
63
29.6
6
120
3
1118
1006
727
134
121
87
TCJD685M063#0120
D
6.8
63
42.8
6
120
3
1118
1006
727
134
121
87
TCJE685M063#0100
E
6.8
63
42.8
6
100
3
1285
1156
835
128
116
83
TCJE685M063#0150
E
6.8
63
42.8
6
150
3
1049
944
682
157
142
102
TCJE106M063#0100
E
10
63
63.0
6
100
3
1285
1156
835
128
116
83
TCJE106M063#0150
E
10
63
63.0
6
150
3
1049
944
682
157
142
102
75 Volt @ 85°C (60 Volt @ 105°C)
TCJD475M075#0150
D
4.7
75
35.3
6
150
3
1000
900
650
150
135
98
TCJD685M075#0120
D
6.8
75
51.0
6
120
3
1118
1006
727
134
121
87
100 Volt @ 85°C (80 Volt @ 105°C)
TCJV685M100#0250
V
6.8
100
68.0
8
250
3
1000
900
650
250
225
163
125 Volt @ 85°C (100 Volt @ 105°C)
TCJD335M125#0250
D
3.3
125
41.2
8
250
3
775
697
503
194
174
126
Voltage vs Temperature Rating
100%
80%
100%
80%
80%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-55°C
0°C
40°C
60°C
85°C
105°C
Rated range
Recommended derating


Similar Part No. - TCJA336M0040300

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJA336M0040300 AVX-TCJA336M0040300 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA336M0040300 AVX-TCJA336M0040300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJA336M0040300 AVX-TCJA336M0040300 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA336M0040300 AVX-TCJA336M0040300 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJA336M0040300

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJT476M006R0080 AVX-TCJT476M006R0080 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com