Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAP157006 Datasheet(PDF) 1 Page - AVX Corporation

Part # TAP157006
Description  Sectiom 3: Introduction Foreword
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP157006 Datasheet(HTML) 1 Page - AVX Corporation

  TAP157006 Datasheet HTML 1Page - AVX Corporation TAP157006 Datasheet HTML 2Page - AVX Corporation TAP157006 Datasheet HTML 3Page - AVX Corporation TAP157006 Datasheet HTML 4Page - AVX Corporation TAP157006 Datasheet HTML 5Page - AVX Corporation TAP157006 Datasheet HTML 6Page - AVX Corporation TAP157006 Datasheet HTML 7Page - AVX Corporation TAP157006 Datasheet HTML 8Page - AVX Corporation TAP157006 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MAY 2013
113
AVX offers a broad line of solid Tantalum capacitors in a wide
range of sizes, styles, and ratings to meet any design needs.
This catalog combines into one source AVX’s leaded tanta-
lum capacitor information from its worldwide tantalum oper-
ations.
The TAP/TEP is rated for use from -55°C to +85°C at rated
voltage and up to +125°C with voltage derating. There
are three preferred wire forms to choose from which are
available on tape and reel, and in bulk for hand insertion.
AVX has a complete tantalum applications service available
for use by all our customers. With the capability to prototype
and mass produce solid tantalum capacitors in special
configurations, almost any design need can be fulfilled.
And if the customer requirements are outside our standard
testing, AVX will work with you to define and implement a test
or screening plan.
AVX is determined to become the world leader in tantalum
capacitor technology and has made, and is continuing to
make, significant investments in equipment and research to
reach that end. We believe that the investment has paid off
with the devices shown on the following pages.
Section 3: Introduction
Foreword
Dipped Radial Capacitors
Terminal Wire
Tantalum wire
Resin encapsulation
Tantalum
Graphite
Silver
Solder
Manganese
dioxide
Tantalum
pentoxide
SOLID TANTALUM RESIN DIPPED
SERIES TAP/TEP
The TAP/TEP resin dipped series of miniature tantalum
capacitors is available for individual needs in both commercial
and professional applications. From computers to automotive
to industrial, AVX has a dipped radial for almost any applica-
tion.


Similar Part No. - TAP157006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP157006 AVX-TAP157006 Datasheet
118Kb / 3P
   Dipped Radial Capacitors TAP Series
TAP157006 AVX-TAP157006 Datasheet
390Kb / 16P
   Section 3: Introduction Foreword
TAP157006 AVX-TAP157006 Datasheet
110Kb / 3P
   Dipped Radial Capacitors
TAP157006 AVX-TAP157006 Datasheet
125Kb / 4P
   Dipped Radial Capacitors
More results

Similar Description - TAP157006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP106M016CCS AVX-TAP106M016CCS Datasheet
390Kb / 16P
   Section 3: Introduction Foreword
TAP106M016SCS AVX-TAP106M016SCS Datasheet
390Kb / 16P
   Section 3: Introduction Foreword
TAP226K050CCS AVX-TAP226K050CCS Datasheet
390Kb / 16P
   Section 3: Introduction
TAP475M025CCS AVX-TAP475M025CCS Datasheet
337Kb / 16P
   Section 3: Introduction
logo
List of Unclassifed Man...
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
logo
Samsung semiconductor
KA567 SAMSUNG-KA567 Datasheet
179Kb / 6P
   INTRODUCTION
KA8309B SAMSUNG-KA8309B Datasheet
319Kb / 15P
   INTRODUCTION
KA22261 SAMSUNG-KA22261 Datasheet
83Kb / 5P
   INTRODUCTION
logo
List of Unclassifed Man...
ECIO28 ETC2-ECIO28 Datasheet
3Mb / 9P
   Introduction
EC927 ETC2-EC927 Datasheet
3Mb / 9P
   Introduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com