Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5TC2G83EFR-G7A Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # H5TC2G83EFR-G7A
Description  2Gb DDR3L SDRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC2G83EFR-G7A Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button H5TC2G83EFR-G7A Datasheet HTML 4Page - Hynix Semiconductor H5TC2G83EFR-G7A Datasheet HTML 5Page - Hynix Semiconductor H5TC2G83EFR-G7A Datasheet HTML 6Page - Hynix Semiconductor H5TC2G83EFR-G7A Datasheet HTML 7Page - Hynix Semiconductor H5TC2G83EFR-G7A Datasheet HTML 8Page - Hynix Semiconductor H5TC2G83EFR-G7A Datasheet HTML 9Page - Hynix Semiconductor H5TC2G83EFR-G7A Datasheet HTML 10Page - Hynix Semiconductor H5TC2G83EFR-G7A Datasheet HTML 11Page - Hynix Semiconductor H5TC2G83EFR-G7A Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Rev. 1.1 / Apr. 2013
8
RESET
Input
Active Low Asynchronous Reset: Reset is active when RESET is LOW, and inactive when
RESET is HIGH. RESET must be HIGH during normal operation.
RESET is a CMOS rail-to-rail signal with DC high and low at 80% and 20% of VDD, i.e.
1.20V for DC high and 0.30V for DC low.
DQ
Input /
Output
Data Input/ Output: Bi-directional data bus.
DQU, DQL,
DQS, DQS,
DQSU, DQSU,
DQSL, DQSL
Input /
Output
Data Strobe: output with read data, input with write data. Edge-aligned with read data,
centered in write data. The data strobe DQS, DQSL, and DQSU are paired with differential
signals DQS, DQSL, and DQSU, respectively, to provide differential pair signaling to the
system during reads and writes. DDR3 SDRAM supports differential data strobe only and
does not support single-ended.
TDQS, TDQS
Output
Termination Data Strobe: TDQS/TDQS is applicable for x8 DRAMs only. When enabled via
Mode Register A11 = 1 in MR1, the DRAM will enable the same termination resistance
function on TDQS/TDQS that is applied to DQS/DQS. When disabled via mode register A11
= 0 in MR1, DM/TDQS will provide the data mask function and TDQS is not used. x4
DRAMs must disable the TDQS function via mode register A11 = 0 in MR1.
NC
No Connect: No internal electrical connection is present.
NF
No Function
VDDQ
Supply DQ Power Supply: 1.35 V +0.100/- 0.067 V
VSSQ
Supply DQ Ground
VDD
Supply Power Supply: 1.35 V +0.100/- 0.067 V
VSS
Supply Ground
VREFDQ
Supply Reference voltage for DQ
VREFCA
Supply Reference voltage for CA
ZQ
Supply Reference Pin for ZQ calibration
Note:
Input only pins (BA0-BA2, A0-A15, RAS, CAS, WE, CS, CKE, ODT, DM, and RESET) do not supply termination.
Symbol
Type
Function


Similar Part No. - H5TC2G83EFR-G7A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC2G83AFR HYNIX-H5TC2G83AFR Datasheet
511Kb / 31P
   2Gb DDR3L SDRAM
H5TC2G83BFR HYNIX-H5TC2G83BFR Datasheet
524Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G83CFR-G7A HYNIX-H5TC2G83CFR-G7A Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G83CFR-H9A HYNIX-H5TC2G83CFR-H9A Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G83CFR-PBA HYNIX-H5TC2G83CFR-PBA Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
More results

Similar Description - H5TC2G83EFR-G7A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC2G83FFR HYNIX-H5TC2G83FFR Datasheet
426Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G43BFR HYNIX-H5TC2G43BFR Datasheet
524Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G43CFR HYNIX-H5TC2G43CFR Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G63FFR HYNIX-H5TC2G63FFR Datasheet
412Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G83DFR HYNIX-H5TC2G83DFR Datasheet
419Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G43AFR HYNIX-H5TC2G43AFR Datasheet
511Kb / 31P
   2Gb DDR3L SDRAM
logo
Samsung semiconductor
K4B2G0446D SAMSUNG-K4B2G0446D Datasheet
1Mb / 64P
   2Gb D-die DDR3L SDRAM
logo
List of Unclassifed Man...
SLN02G72F1BQ1SA-CC[EW]RT ETC2-SLN02G72F1BQ1SA-CC[EW]RT Datasheet
721Kb / 17P
   2GB DDR3L ??SDRAM ECC SO-UDIMM
logo
Samsung semiconductor
K4B2G1646Q SAMSUNG-K4B2G1646Q Datasheet
1Mb / 71P
   2Gb Q-die DDR3L SDRAM Only x16
logo
Hynix Semiconductor
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com