Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF949T1 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MRF949T1
Description  LOW NOISE TRANSISTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF949T1 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MRF949T1 Datasheet HTML 3Page - Motorola, Inc MRF949T1 Datasheet HTML 4Page - Motorola, Inc MRF949T1 Datasheet HTML 5Page - Motorola, Inc MRF949T1 Datasheet HTML 6Page - Motorola, Inc MRF949T1 Datasheet HTML 7Page - Motorola, Inc MRF949T1 Datasheet HTML 8Page - Motorola, Inc MRF949T1 Datasheet HTML 9Page - Motorola, Inc MRF949T1 Datasheet HTML 10Page - Motorola, Inc MRF949T1 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
MRF949T1
MOTOROLA RF DEVICE DATA
5.0
6.0
4.0
3.0
5.0
2.0
17
18
1.41
4.0
2.0
3.0
13
3.0
14
15
16
5.0
4.0
9
6
3.0
4.0
5.0
10
11
8
2.0
9
0.2
0.5
1
2
Figure 19. MRF949T1 Series Constant Gain and
Noise Figure Contours
f = 1 GHz
0.2
0.5
1
2
Figure 20. MRF949T1 Series Constant Gain and
Noise Figure Contours
f = 2 GHz
f
(GHz)
NF
OPT
Γo
RN
K
1.0
1.57 dB 0.56
∠ 57.7° 24.2 0.48
j0.5
j0.2
–j0.5
–j1
–j2
j1
–j0.2
j0.5
j0.2
–j0.5
–j1
–j2
j2
j1
–j0.2
f
(GHz)
NF
OPT
Γo
RN
K
2.0
2.08 dB 0.50
∠ 119.8° 13
0.93
0.2
0.5
1
2
Figure 21. MRF949T1 Series Constant Gain and
Noise Figure Contours
f = 1 GHz
0.2
0.5
1
2
Figure 22. MRF949T1 Series Constant Gain and
Noise Figure Contours
f = 1 GHz
f
(GHz)
NF
OPT
Γo
RN
K
1.0
1.34 dB 0.45
∠ 47.3° 18.2 0.73
Potentially Unstable
Potentially Unstable
OUTPUT
j0.5
j0.2
–j0.5
–j1
–j2
j2
j1
–j0.2
INPUT
j0.5
j0.2
–j0.5
–j1
–j2
j2
j1
–j0.2
f
(GHz)
NF
OPT
Γo
RN
K
1.0
1.41 dB
0.44
∠ 42.9° 19
0.86
INPUT
OUTPUT
Potentially Unstable
INPUT
OUTPUT
2.08
1.34
VCE = 1 V
IC = 1 mA
VCE = 1 V
IC = 1 mA
VCE = 3 V
IC = 3 mA
VCE = 6 V
IC = 5 mA
j2
16
1.57
OUTPUT
INPUT
Potentially Unstable
8
7
15


Similar Part No. - MRF949T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9411LT1 MOTOROLA-MRF9411LT1 Datasheet
309Kb / 17P
   NPN Silicon Low Noise, High-Frequency Transistors
MRF947 MOTOROLA-MRF947 Datasheet
274Kb / 14P
   NPN Silicon Low Noise, High-Frequency Transistors
MRF947AT1 MOTOROLA-MRF947AT1 Datasheet
309Kb / 17P
   NPN Silicon Low Noise, High-Frequency Transistors
MRF947BT1 MOTOROLA-MRF947BT1 Datasheet
309Kb / 17P
   NPN Silicon Low Noise, High-Frequency Transistors
MRF947T1 MOTOROLA-MRF947T1 Datasheet
309Kb / 17P
   NPN Silicon Low Noise, High-Frequency Transistors
More results

Similar Description - MRF949T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT5088L ONSEMI-MMBT5088L Datasheet
188Kb / 5P
   Low Noise Transistors
October, 2016 ??Rev. 6
logo
Motorola, Inc
MRF959T1 MOTOROLA-MRF959T1 Datasheet
171Kb / 12P
   LOW NOISE TRANSISTORS
MRF2947 MOTOROLA-MRF2947 Datasheet
181Kb / 12P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC559B ONSEMI-BC559B Datasheet
84Kb / 4P
   Low Noise Transistors
1997
BC560C ONSEMI-BC560C Datasheet
137Kb / 4P
   Low Noise Transistors
June, 2009 ??Rev. 3
logo
Motorola, Inc
BC549B MOTOROLA-BC549B Datasheet
110Kb / 4P
   Low Noise Transistors
logo
ON Semiconductor
BC559 ONSEMI-BC559 Datasheet
131Kb / 4P
   Low Noise Transistors
August, 2006 ??Rev. 3
logo
Motorola, Inc
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
   Low Noise Transistors
logo
ON Semiconductor
BC560CG ONSEMI-BC560CG Datasheet
98Kb / 4P
   Low Noise Transistors
July, 2012 ??Rev. 4
MMBT5088LT1 ONSEMI-MMBT5088LT1 Datasheet
211Kb / 8P
   Low Noise Transistors
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com