Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS12-KBA05 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # NS12-KBA05
Description  Operator Interfaces/HMIs NS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NS12-KBA05 Datasheet(HTML) 2 Page - Omron Electronics LLC

  NS12-KBA05 Datasheet HTML 1Page - Omron Electronics LLC NS12-KBA05 Datasheet HTML 2Page - Omron Electronics LLC NS12-KBA05 Datasheet HTML 3Page - Omron Electronics LLC NS12-KBA05 Datasheet HTML 4Page - Omron Electronics LLC NS12-KBA05 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
K-6
For complete specifications and additional models:
U.S. www.omron.com/oei
Canada www.omron.ca
NS Operator Interfaces/HMIs
Specifications
Ordering Information
NS-Series HMI Terminals
Series
NS8
NS10
NS12
Dimensions (W x H x D mm)
232 x 177 x 48.5
315 x 241 x 48.5
315 x 241 x 48.5
Effective display area
8.4 inch
10.4 inch
12.1 inch
Display device
High-definition TFT
Resolution
640 x 480 pixels
640 x 480 pixels
800 x 600 pixels
View angle
±65
° left/right, 50° top, 60° bottom ±60° left/right, 35° top, 65° bottom ±60° left/right, 45° top, 75° bottom
Maximum screen capacity
60 MB
60 MB
60 MB
Number of switches
768
1200
1900
Display
colors
Basic colors (objects,
background, etc.)
256 colors
256 colors
256 colors
Image data (BMP or JPG
images) Images displayed
32,768 colors
32,768 colors
32,768 colors
Screen data capacity via video
input
260,000 color
260,000 colors
260,000 colors
Backlight life expectancy
50,000 hours min.
Memory card capacity
64 Mbytes
Expansion interface
Controller Link and video input board
Series
NS5
Dimensions (W x H x D mm)
195 x 142 x 54
Effective display area
5.7 inch
Display device
STN (monochrome)
STN (color)
TFT (color)
Resolution
320 x 240 pixels
View angle
±45
° left/right, 20° top, 40° bottom ±50° left/right, 45° top, 50° bottom ±70° left/right, 70° top, 50° bottom
Maximum screen capacity
20 MB
Number of switches
300
Display
colors
Basic colors (objects,
background, etc.)
Monochrome/16 gray scale levels 256 colors
256 colors
Image data (BMP or JPG
images) Images displayed
Monochrome/16 gray scale levels 4,096 colors
32,768 colors
Screen data capacity via video
input
Backlight life expectancy
50,000 hours min.
Memory card capacity
64 Mbytes
Expansion interface
Description
Size
Resolution
Memory size
Features
Model
Full system
navigation HMI
5-inch STN
monochrome
320 x 240
20 MB onboard
NS5-MQ00B-V2
Ethernet
NS5-MQ01B-V2
5-inch STN
NS5-SQ00B-V2
Ethernet
NS5-SQ01B-V2
5-inch TFT
NS5-TQ00B-V2
Ethernet
NS5-TQ01B-V2
8-inch TFT
640 x 480
60 MB onboard
NS8-TV00B-V2
Ethernet
NS8-TV01B-V2
10-inch TFT
640 x 480
60 MB onboard
NS10-TV00B-V2
Ethernet
NS10-TV01B-V2
12-inch TFT
800 x 600
60 MB onboard
NS12-TS00B-V2
Ethernet
NS12-TS01B-V2


Similar Part No. - NS12-KBA05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NS1212 ETC2-NS1212 Datasheet
40Kb / 1P
   CONNECTORS FOR TUBE
logo
Taiyo Yuden (U.S.A.), I...
NS12555T100MN TAIYO-YUDEN-NS12555T100MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12555T100MN TAIYO-YUDEN-NS12555T100MN Datasheet
298Kb / 3P
   SMD Power Inductors (NS series)
NS12555T100MN TAIYO-YUDEN-NS12555T100MN Datasheet
373Kb / 3P
   Wire-wound Ferrite Power Inductors LSRN series for General Electronic Equipment
2021/8/4
NS12555T100MN8 TAIYO-YUDEN-NS12555T100MN8 Datasheet
316Kb / 3P
   SMD Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (NS series)
More results

Similar Description - NS12-KBA05

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CDSB-A1 FESTO-CDSB-A1 Datasheet
72Kb / 1P
   Operator unit
574411 FESTO-574411 Datasheet
74Kb / 2P
   Operator unit
574412 FESTO-574412 Datasheet
69Kb / 2P
   Operator unit
8126915 FESTO-8126915 Datasheet
80Kb / 2P
   Operator unit
574410 FESTO-574410 Datasheet
76Kb / 2P
   Operator unit
8070984 FESTO-8070984 Datasheet
72Kb / 1P
   Operator unit
574413 FESTO-574413 Datasheet
70Kb / 2P
   Operator unit
logo
Schneider Electric
9001KR4R05 SCHNEIDER-9001KR4R05 Datasheet
131Kb / 2P
   PUSHBUTTON OPERATOR 30MM
Dec 28, 2021
ZB4BLCUST01 SCHNEIDER-ZB4BLCUST01 Datasheet
103Kb / 1P
   PUSHBUTTON OPERATOR HEAD
XB5AACUST03 SCHNEIDER-XB5AACUST03 Datasheet
120Kb / 1P
   PUSHBUTTON OPERATOR HEAD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com