Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6VSX475T Datasheet(PDF) 11 Page - IXYS Corporation

Part # XC6VSX475T
Description  Virtex-6 Family Overview
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

XC6VSX475T Datasheet(HTML) 11 Page - IXYS Corporation

Back Button XC6VSX475T Datasheet HTML 3Page - IXYS Corporation XC6VSX475T Datasheet HTML 4Page - IXYS Corporation XC6VSX475T Datasheet HTML 5Page - IXYS Corporation XC6VSX475T Datasheet HTML 6Page - IXYS Corporation XC6VSX475T Datasheet HTML 7Page - IXYS Corporation XC6VSX475T Datasheet HTML 8Page - IXYS Corporation XC6VSX475T Datasheet HTML 9Page - IXYS Corporation XC6VSX475T Datasheet HTML 10Page - IXYS Corporation XC6VSX475T Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Virtex-6 Family Overview
DS150 (v2.4) January 19, 2012
www.xilinx.com
Product Specification
11
Virtex-6 FPGA Documentation
Complete and up-to-date documentation of the Virtex-6 family of FPGAs is available on the Xilinx website. In addition to the
most recent Virtex-6 Family Overview, the following files are also available for download:
Virtex-6 FPGA Data Sheet: DC and Switching
Characteristics (DS152)
This data sheet contains the DC and Switching
Characteristic specifications for the Virtex-6 family.
Virtex-6 FPGA Packaging and Pinout Specifications
(UG365)
These specifications includes the tables for device/package
combinations and maximum I/Os, pin definitions, pinout
tables, pinout diagrams, mechanical drawings, and thermal
specifications.
Virtex-6 FPGA Configuration Guide (UG360)
This all-encompassing configuration guide includes
chapters on configuration interfaces (serial and parallel),
multi-bitstream management, bitstream encryption,
boundary-scan and JTAG configuration, and reconfiguration
techniques.
Virtex-6 FPGA SelectIO Resources User Guide (UG361)
This guide describes the SelectIO™ resources available in
all the Virtex-6 devices.
Virtex-6 FPGA Clocking Resources User Guide (UG362)
This guide describes the clocking resources available in all
the Virtex-6 devices, including the MMCM and clock buffers.
Virtex-6 FPGA Memory Resources User Guide (UG363)
This guide describes the Virtex-6 device block RAM and
FIFO capabilities.
Virtex-6 FPGA CLB User Guide (UG364)
This guide describes the capabilities of the configurable
logic blocks (CLB) available in all Virtex-6 devices.
Virtex-6 FPGA GTX Transceivers User Guide (UG366)
This guide describes the GTX transceivers available in all
the Virtex-6 FPGAs except the XC6VLX760.
Virtex-6 FPGA GTH Transceivers User Guide (UG371)
This guide describes the GTH transceivers available in all
Virtex-6 HXT FPGAs except the XC6VHX250T and the
XC6VHX380T in the FF1154 package.
Virtex-6 FPGA DSP48E1 Slice User Guide (UG369)
This guide describes the architecture of the DSP48E1 slice
in Virtex-6 FPGAs and provides configuration examples.
Virtex-6 FPGA Tri-Mode Ethernet MAC User Guide
(UG368)
This guide describes the dedicated tri-mode Ethernet
media access controller (TEMAC) available in all the
Virtex-6 FPGAs except the XC6VLX760.
Virtex-6 FPGA System Monitor User Guide (UG370)
This guide describes the System Monitor functionality.
Virtex-6 FPGA PCB Design Guide (UG373)
This guide provides information on PCB design for Virtex-6
devices, with a focus on strategies for making design
decisions at the PCB and interface level.


Similar Part No. - XC6VSX475T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC6VSX475T

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XC6VLX75 XILINX-XC6VLX75_11 Datasheet
379Kb / 11P
   Virtex-6 Family Overview
XC6VLX75T XILINX-XC6VLX75T Datasheet
390Kb / 11P
   Virtex-6 Family Overview
XC5VFX130T-2FF1738I XILINX-XC5VFX130T-2FF1738I Datasheet
322Kb / 13P
   Virtex-5 Family Overview
XC4VFX60-10FF1152I XILINX-XC4VFX60-10FF1152I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
VIRTEX-5 XILINX-VIRTEX-5 Datasheet
698Kb / 72P
   Virtex-5 Family Overview
XC4VFX100-11FFG1152I XILINX-XC4VFX100-11FFG1152I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
XC5VLX155-1FFG1153I XILINX-XC5VLX155-1FFG1153I Datasheet
322Kb / 13P
   Virtex-5 Family Overview
DS174 XILINX-DS174 Datasheet
412Kb / 13P
   Virtex-5Q Family Overview
XC4VFX20-11FFG672I XILINX-XC4VFX20-11FFG672I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
XC4VLX25-10SF363I XILINX-XC4VLX25-10SF363I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com