Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG4T-6004 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XG4T-6004
Description  Screw Terminal Block Cables
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4T-6004 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XG4T-6004 Datasheet HTML 1Page - Omron Electronics LLC XG4T-6004 Datasheet HTML 2Page - Omron Electronics LLC XG4T-6004 Datasheet HTML 3Page - Omron Electronics LLC XG4T-6004 Datasheet HTML 4Page - Omron Electronics LLC XG4T-6004 Datasheet HTML 5Page - Omron Electronics LLC XG4T-6004 Datasheet HTML 6Page - Omron Electronics LLC XG4T-6004 Datasheet HTML 7Page - Omron Electronics LLC XG4T-6004 Datasheet HTML 8Page - Omron Electronics LLC XG4T-6004 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
9
Screw Terminal Block Cables
XW2Z
Pre-terminated Cables Simplify
Connection of Terminal Blocks to
PLC Modules
1 Reduce setup time with cables
pre-terminated for the exact PLC
module in use
1 No need to make custom connectors
1 Crimp hook-terminated cables connect
XW2B terminal blocks with PLC
modules and input boards from any
manufacturer
Ordering Information
3 CABLES
Appearance
Applicable terminal
block
Cable length
Part number
XW2B-20G5
XW2B 20G4
0.5 m (1.64 ft)
XW2Z-050A
XW2B-20G4
XW2B-20G5-T
1 m (3.28 ft)
XW2Z-100A
XW2B-20G5-T
XW2B-20G5-D
1.5 m (4.92 ft)
XW2Z-150A
Single cable for
XW2B 20G5 D
XW2B-20G5-IN16
2 m (6.56 ft)
XW2Z-200A
Singlecable for
32-point I/O modules
3 m (9.84 ft)
XW2Z-300A
32 oint I/O modules
5 m (16.40 ft)
XW2Z-500A
XW2B-40G5
XW2B 40G4
0.5 m (1.64 ft)
XW2Z-050B
XW2B-40G4
1 m (3.28 ft)
XW2Z-100B
1.5 m (4.92 ft)
XW2Z-150B
2 m (6.56 ft)
XW2Z-200B
Single cable for
3 m (9.84 ft)
XW2Z-300B
Single cable for
32- and 64-point I/O modules
5 m (16.40 ft)
XW2Z-500B
XW2B-60G5
XW2B 60G4
1 m (3.28 ft)
XW2Z-100H-1
XW2B-60G4
2 m (6.56 ft)
XW2Z-200H-1
Single cable for CS1W
3 m (9.84 ft)
XW2Z-300H-1
Singlecable for CS1W
high-density I/O modules
5 m (16.40 ft)
XW2Z-500H-1
XW2C-20G5-IN16
1 m (3.28 ft) and 0.75 m (2.46 ft)
XW2Z-100D
1.5 m (4.92 ft) and 1.25 m (4.10 ft)
XW2Z-150D
2 m (6.56 ft) and 1.75 m (5.74 ft)
XW2Z-200D
Bifurcated cable for
3 m (9.84 ft) and 2.75 m (9.02 ft)
XW2Z-300D
Bifurcated cable for
32- and 64-point I/O modules
5 m (16.40 ft) and 4.75 m (15.58 ft)
XW2Z-500D
XW2B-40G5 and
XW2B 20G5
1 m (3.28 ft) and 1 m (3.28 ft)
XW2Z-100H-2
XW2B-20G5
2 m (6.56 ft) and 2 m (6.56 ft)
XW2Z-200H-2
Bifurcated cable for
3 m (9.84 ft) and 3 m (6.56 ft)
XW2Z-300H-2
Bifurcated cable for
CS1W high--density I/O modules
5 m (16.40 ft) and 5 m (16.40 ft)
XW2Z-500H-2


Similar Part No. - XG4T-6004

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4T-6004 OMRON-XG4T-6004 Datasheet
380Kb / 13P
   Screw Terminal Block Cables
XG4T-6004 OMRON-XG4T-6004 Datasheet
1Mb / 20P
   Flat Cable Connectors
More results

Similar Description - XG4T-6004

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG2Z OMRON-XG2Z Datasheet
380Kb / 13P
   Screw Terminal Block Cables
logo
Advantech Co., Ltd.
PCLD-780 ADVANTECH-PCLD-780 Datasheet
566Kb / 1P
   Screw Terminal Board with Flat Cables
logo
METZ CONNECT GmbH
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311071XX METZ-311071XX Datasheet
314Kb / 5P
   screw type terminal block, pluggable
310151XX METZ-310151XX Datasheet
258Kb / 5P
   screw type terminal block, solderable
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
311011XX METZ-311011XX Datasheet
250Kb / 5P
   screw type terminal block, solderable
310071XX METZ-310071XX Datasheet
336Kb / 5P
   screw type terminal block, pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com