Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6VLX365T Datasheet(PDF) 9 Page - IXYS Corporation

Part # XC6VLX365T
Description  Virtex-6 Family Overview
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

XC6VLX365T Datasheet(HTML) 9 Page - IXYS Corporation

Back Button XC6VLX365T Datasheet HTML 3Page - IXYS Corporation XC6VLX365T Datasheet HTML 4Page - IXYS Corporation XC6VLX365T Datasheet HTML 5Page - IXYS Corporation XC6VLX365T Datasheet HTML 6Page - IXYS Corporation XC6VLX365T Datasheet HTML 7Page - IXYS Corporation XC6VLX365T Datasheet HTML 8Page - IXYS Corporation XC6VLX365T Datasheet HTML 9Page - IXYS Corporation XC6VLX365T Datasheet HTML 10Page - IXYS Corporation XC6VLX365T Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Virtex-6 Family Overview
DS150 (v2.4) January 19, 2012
www.xilinx.com
Product Specification
9
This block is highly configurable to system design requirements and can operate 1, 2, 4, or 8 lanes at the 2.5 Gb/s data rate
and the 5.0 Gb/s data rate. For high-performance applications, advanced buffering techniques of the block offer a flexible
maximum payload size of up to 1024 bytes. The integrated block interfaces to the GTX transceivers for serial connectivity,
and to block RAMs for data buffering. Combined, these elements implement the Physical Layer, Data Link Layer, and
Transaction Layer of the PCI Express protocol.
Xilinx provides a light-weight, configurable, easy-to-use LogiCORE™ wrapper that ties the various building blocks (the
integrated block for PCI Express, the GTX transceivers, block RAM, and clocking resources) into an Endpoint or Root Port
solution. The system designer has control over many configurable parameters: lane width, maximum payload size, FPGA
logic interface speeds, reference clock frequency, and base address register decoding and filtering.
More information and documentation on solutions for PCI Express designs can be found at:
http://www.xilinx.com/technology/protocols/pciexpress.htm
10/100/1000 Mb/s Ethernet Controller (2,500 Mb/s Supported)
An integrated Tri-mode Ethernet MAC (TEMAC) block is easily connected to the FPGA logic, the GTX transceivers, and the
SelectIO resources. This TEMAC block saves logic resources and design effort. All of the Virtex-6 devices (except the
XC6VLX760) have four TEMAC blocks, implementing the link layer of the OSI protocol stack. The CORE Generator™
software GUI helps to configure flexible interfaces to GTX transceiver or SelectIO technology, to the FPGA logic, and to a
microprocessor (when required). The TEMAC is designed to the IEEE Std 802.3-2005 specification. 2,500 Mb/s support is
also available.
Virtex-6 FPGA Ordering Information
Table 4 shows the speed and temperature grades available in the different Virtex-6 devices. Some devices might not be
available in every speed and temperature grade.
The Virtex-6 FPGA ordering information shown in Figure 1 applies to all packages including Pb-Free.
Table 4: Virtex-6 FPGAs Speed Grade and Temperature Ranges
Device Family
Speed Grade and Temperature Range
Commercial (C)
0°C to +85°C
Extended (E)
0°C to +100°C
Industrial (I)
-40°C to +100°C
Virtex-6 LXT
-3, -2, -1, -1L
-2
-2, -1, -1L
Virtex-6 SXT
-3, -2, -1, -1L
-2
-2, -1, -1L
Virtex-6 HXT
-3, -2, -1
-2
-2, -1
X-Ref Target - Figure 1
Figure 1: Virtex-6 FPGA Ordering Information
Example: XC6VLX240T-1FFG1156C
Device Type
Temperature Range:
Number of Pins(3)
Package Type
Speed Grade
(-1, -L1(1), -2, -3(2))
Pb-Free
DS150_01_103111
Note:
1) -L1 is the ordering code for the lower power -1L speed grade.
-L1 is not available in the Virtex-6 HXT devices. See
the Virtex-6 FPGA data sheet for more information.
2) -3 speed grades are not available in all devices.
3) Some package names do not exactly match the number
of pins present on that package. Please see UG365: Virtex-6 FPGA Packaging and Pinout Specifications for package details.
I = Industrial (Tj = –40°C to +100°C)
E = Extended (Tj = 0°C to +100°C)
C = Commercial (Tj = 0°C to +85°C)


Similar Part No. - XC6VLX365T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC6VLX365T

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XC6VLX75 XILINX-XC6VLX75_11 Datasheet
379Kb / 11P
   Virtex-6 Family Overview
XC6VLX75T XILINX-XC6VLX75T Datasheet
390Kb / 11P
   Virtex-6 Family Overview
XC5VFX130T-2FF1738I XILINX-XC5VFX130T-2FF1738I Datasheet
322Kb / 13P
   Virtex-5 Family Overview
XC4VFX60-10FF1152I XILINX-XC4VFX60-10FF1152I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
VIRTEX-5 XILINX-VIRTEX-5 Datasheet
698Kb / 72P
   Virtex-5 Family Overview
XC4VFX100-11FFG1152I XILINX-XC4VFX100-11FFG1152I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
XC5VLX155-1FFG1153I XILINX-XC5VLX155-1FFG1153I Datasheet
322Kb / 13P
   Virtex-5 Family Overview
DS174 XILINX-DS174 Datasheet
412Kb / 13P
   Virtex-5Q Family Overview
XC4VFX20-11FFG672I XILINX-XC4VFX20-11FFG672I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
XC4VLX25-10SF363I XILINX-XC4VLX25-10SF363I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com