Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1250H8F Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # T1250H8F
Description  12A TRIACs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

T1250H8F Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  T1250H8F Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd T1250H8F Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd T1250H8F Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd T1250H8F Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


Similar Part No. - T1250H8F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1250H STMICROELECTRONICS-T1250H Datasheet
136Kb / 10P
   High temperature 12 A Snubberless™ Triacs
September 2011
T1250H-6G STMICROELECTRONICS-T1250H-6G Datasheet
136Kb / 10P
   High temperature 12 A Triacs
April 2007 Rev 1
T1250H-6G STMICROELECTRONICS-T1250H-6G Datasheet
136Kb / 10P
   High temperature 12 A Snubberless™ Triacs
September 2011
T1250H-6G-TR STMICROELECTRONICS-T1250H-6G-TR Datasheet
136Kb / 10P
   High temperature 12 A Triacs
April 2007 Rev 1
T1250H-6G-TR STMICROELECTRONICS-T1250H-6G-TR Datasheet
136Kb / 10P
   High temperature 12 A Snubberless™ Triacs
September 2011
More results

Similar Description - T1250H8F

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST12FH JIEJIE-JST12FH Datasheet
493Kb / 4P
   12A TRIACs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
   12A TRIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com