Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6VLX130T Datasheet(PDF) 8 Page - IXYS Corporation

Part # XC6VLX130T
Description  Virtex-6 Family Overview
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

XC6VLX130T Datasheet(HTML) 8 Page - IXYS Corporation

Back Button XC6VLX130T Datasheet HTML 3Page - IXYS Corporation XC6VLX130T Datasheet HTML 4Page - IXYS Corporation XC6VLX130T Datasheet HTML 5Page - IXYS Corporation XC6VLX130T Datasheet HTML 6Page - IXYS Corporation XC6VLX130T Datasheet HTML 7Page - IXYS Corporation XC6VLX130T Datasheet HTML 8Page - IXYS Corporation XC6VLX130T Datasheet HTML 9Page - IXYS Corporation XC6VLX130T Datasheet HTML 10Page - IXYS Corporation XC6VLX130T Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Virtex-6 Family Overview
DS150 (v2.4) January 19, 2012
www.xilinx.com
Product Specification
8
The System Monitor does not require explicit instantiation in a design. Once the appropriate power supply connections are
made, measurement data can be accessed at any time, even pre-configuration or during power down, through the JTAG test
access port (TAP).
Low-Power Gigabit Transceivers
Ultra-fast serial data transmission between ICs, over the backplane, or over longer distances is becoming increasingly
popular and important. It requires specialized dedicated on-chip circuitry and differential I/O capable of coping with the
signal integrity issues at these high data rates.
All but one Virtex-6 device has between 8 to 72 gigabit transceiver circuits. Each GTX transceiver is a combined transmitter
and receiver capable of operating at a data rate between 480 Mb/s and 6.6 Gb/s. Lower data rates can be achieved using
FPGA logic-based oversampling. Each GTH transceiver is a combined transmitter and receiver capable of operating at a
rate between 2.488 Gb/s and 11.18 Gb/s. The GTX transmitter and receiver are independent circuits that use separate
PLLs to multiply the reference frequency input by certain programmable numbers between 4 and 25, to become the bit-serial
data clock. The GTH transceiver is a purpose-built design for 10 Gb/s rates and shares a single high-performance PLL
between four transmitter and receiver circuits. Each GTX and GTH transceiver has a large number of user-definable features
and parameters. All of these can be defined during device configuration, and many can also be modified during operation.
Transmitter
The GTX transmitter is fundamentally a parallel-to-serial converter with a conversion ratio of 8, 10, 16, 20, 32, or 40. The
GTH transmitter offers bit widths of 16, 20, 32, 40, 64, or 80 to allow additional timing margin for high-performance designs.
These transmitter outputs drive the PC board with a single-channel differential current-mode logic (CML) output signal.
TXOUTCLK is the appropriately divided serial data clock and can be used directly to register the parallel data coming from
the internal logic. The incoming parallel data is fed through a small FIFO and can optionally be modified with the 8B/10B,
64B/66B, or the 64B/67B (GTX only) algorithm to guarantee a sufficient number of transitions. The bit-serial output signal
drives two package pins with complementary CML signals. This output signal pair has programmable signal swing as well as
programmable pre-emphasis to compensate for PC board losses and other interconnect characteristics.
Receiver
The receiver is fundamentally a serial-to-parallel converter, changing the incoming bit serial differential signal into a parallel
stream of words, each 8, 10, 16, 20, 32, or 40 bits wide. The GTH transceiver offers 16, 20, 32, 40, 64, and 80 bit widths to
allow greater timing margin. The receiver takes the incoming differential data stream, feeds it through a programmable
equalizer (to compensate for PC board and other interconnect characteristics), and uses the FREF input to initiate clock
recognition. There is no need for a separate clock line. The data pattern uses non-return-to-zero (NRZ) encoding and
optionally guarantees sufficient data transitions by using the selected encoding scheme. Parallel data is then transferred into
the FPGA logic using the RXUSRCLK clock. The serial-to-parallel conversion ratio for GTX transceivers can be 8, 10, 16, 20,
32, or 40. The serial-to-parallel conversion ratio for GTH transceivers can be 16, 20, 32, 40, 64, or 80 for GTH.
Out-of-Band Signaling
The GTX transceivers provide Out-of-Band (OOB) signaling, often used to send low-speed signals from the transmitter to
the receiver, while high-speed serial data transmission is not active, typically when the link is in a power-down state or has
not been initialized. This benefits PCI Express and SATA/SAS applications.
Integrated Interface Blocks for PCI Express Designs
The PCI Express standard is a packet-based, point-to-point serial interface standard. The differential signal transmission
uses an embedded clock, which eliminates the clock-to-data skew problems of traditional wide parallel buses.
The PCI Express Base Specification Revision 2.0 is backwards compatible with Revision 1.1 and defines a configurable raw
data rate of 2.5 Gb/s, or 5.0 Gb/s per lane in each direction. To scale bandwidth, the specification allows multiple lanes to be
joined to form a larger link between PCI Express devices.
All Virtex-6 devices (except the XC6VLX760) include at least one integrated interface block for PCI Express technology that
can be configured as an Endpoint or Root Port, compliant to the PCI Express Base Specification Revision 2.0. The Root Port
can be used to build the basis for a compatible Root Complex, to allow custom FPGA-FPGA communication via the PCI
Express protocol, and to attach ASSP Endpoint devices such as Fibre Channel HBAs to the FPGA.


Similar Part No. - XC6VLX130T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC6VLX130T

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XC6VLX75 XILINX-XC6VLX75_11 Datasheet
379Kb / 11P
   Virtex-6 Family Overview
XC6VLX75T XILINX-XC6VLX75T Datasheet
390Kb / 11P
   Virtex-6 Family Overview
XC5VFX130T-2FF1738I XILINX-XC5VFX130T-2FF1738I Datasheet
322Kb / 13P
   Virtex-5 Family Overview
XC4VFX60-10FF1152I XILINX-XC4VFX60-10FF1152I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
VIRTEX-5 XILINX-VIRTEX-5 Datasheet
698Kb / 72P
   Virtex-5 Family Overview
XC4VFX100-11FFG1152I XILINX-XC4VFX100-11FFG1152I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
XC5VLX155-1FFG1153I XILINX-XC5VLX155-1FFG1153I Datasheet
322Kb / 13P
   Virtex-5 Family Overview
DS174 XILINX-DS174 Datasheet
412Kb / 13P
   Virtex-5Q Family Overview
XC4VFX20-11FFG672I XILINX-XC4VFX20-11FFG672I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
XC4VLX25-10SF363I XILINX-XC4VLX25-10SF363I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com