Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6VLX130T Datasheet(PDF) 10 Page - IXYS Corporation

Part # XC6VLX130T
Description  Virtex-6 Family Overview
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

XC6VLX130T Datasheet(HTML) 10 Page - IXYS Corporation

Back Button XC6VLX130T Datasheet HTML 3Page - IXYS Corporation XC6VLX130T Datasheet HTML 4Page - IXYS Corporation XC6VLX130T Datasheet HTML 5Page - IXYS Corporation XC6VLX130T Datasheet HTML 6Page - IXYS Corporation XC6VLX130T Datasheet HTML 7Page - IXYS Corporation XC6VLX130T Datasheet HTML 8Page - IXYS Corporation XC6VLX130T Datasheet HTML 9Page - IXYS Corporation XC6VLX130T Datasheet HTML 10Page - IXYS Corporation XC6VLX130T Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Virtex-6 Family Overview
DS150 (v2.4) January 19, 2012
www.xilinx.com
Product Specification
10
Revision History
The following table shows the revision history for this document:
Notice of Disclaimer
The information disclosed to you hereunder (the "Materials") is provided solely for the selection and use of Xilinx products. To the
maximum extent permitted by applicable law: (1) Materials are made available "AS IS" and with all faults, Xilinx hereby DISCLAIMS ALL
WARRANTIES AND CONDITIONS, EXPRESS, IMPLIED, OR STATUTORY, INCLUDING BUT NOT LIMITED TO WARRANTIES OF
MERCHANTABILITY, NON-INFRINGEMENT, OR FITNESS FOR ANY PARTICULAR PURPOSE; and (2) Xilinx shall not be liable
(whether in contract or tort, including negligence, or under any other theory of liability) for any loss or damage of any kind or nature
related to, arising under, or in connection with, the Materials (including your use of the Materials), including for any direct, indirect,
special, incidental, or consequential loss or damage (including loss of data, profits, goodwill, or any type of loss or damage suffered as a
result of any action brought by a third party) even if such damage or loss was reasonably foreseeable or Xilinx had been advised of the
possibility of the same. Xilinx assumes no obligation to correct any errors contained in the Materials, or to advise you of any corrections
or update. You may not reproduce, modify, distribute, or publicly display the Materials without prior written consent. Certain products
are subject to the terms and conditions of the Limited Warranties which can be viewed at http://www.xilinx.com/warranty.htm; IP cores
may be subject to warranty and support terms contained in a license issued to you by Xilinx. Xilinx products are not designed or intended
to be fail-safe or for use in any application requiring fail-safe performance; you assume sole risk and liability for use of Xilinx products in
Critical Applications: http://www.xilinx.com/warranty.htm#critapps.
Date
Version
Description of Revisions
02/02/09
1.0
Initial Xilinx release.
05/05/09
1.1
Added the FF1156 package for both the XC6VSX315T and XC6VSX475T devices in Table2, page3.
Updated the PCI Express design discussion on page 9 to remove the LogiCORE wrapper (<100 LUT)
description and clarify 8 lanes at the 5.0 Gb/s data rate. Clerical edits to Global Clock Lines and
10/100/1000 Mb/s Ethernet Controller (2,500 Mb/s Supported) sections. Overall clarifications made in
text.
06/24/09
1.2
Added ordering information and FPGA documentation sections.
09/16/09
2.0
Added Virtex-6 HXT family information. Updated number to 26 Mb in Configuration section.
11/06/09
2.1
Clarified distributed RAM features on page 1. Updated CLB slice number for the XC6VHX565T in
Table 1. Updated compliance to the PCI Express Base Specification Revision 2.0. Updated Integrated
Interface Blocks for PCI Express Designs section with link to documentation.
01/28/10
2.2
In Table 1, there are two Ethernet MACs in the XC6VHX255T. Under Clock Management, page 5,
revised the VCO frequency minimum to 600 MHz which also revised the phase-shift timing increment.
Updated GTX transceivers operating data rate range to 6.6 Gb/s. Changed GTX PLL input reference
clock frequency divider.
03/24/11
2.3
Changed document classification to Preliminary Product Specification from Advance Product
Specification. Updated Figure 1.
01/19/12
2.4
Changed document classification to Product Specification from Preliminary Product Specification.
Updated Configuration, CLBs, Slices, and LUTs, Low-Power Gigabit Transceivers, and Virtex-6 FPGA
Ordering Information (including Figure 1).


Similar Part No. - XC6VLX130T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC6VLX130T

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XC6VLX75 XILINX-XC6VLX75_11 Datasheet
379Kb / 11P
   Virtex-6 Family Overview
XC6VLX75T XILINX-XC6VLX75T Datasheet
390Kb / 11P
   Virtex-6 Family Overview
XC5VFX130T-2FF1738I XILINX-XC5VFX130T-2FF1738I Datasheet
322Kb / 13P
   Virtex-5 Family Overview
XC4VFX60-10FF1152I XILINX-XC4VFX60-10FF1152I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
VIRTEX-5 XILINX-VIRTEX-5 Datasheet
698Kb / 72P
   Virtex-5 Family Overview
XC4VFX100-11FFG1152I XILINX-XC4VFX100-11FFG1152I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
XC5VLX155-1FFG1153I XILINX-XC5VLX155-1FFG1153I Datasheet
322Kb / 13P
   Virtex-5 Family Overview
DS174 XILINX-DS174 Datasheet
412Kb / 13P
   Virtex-5Q Family Overview
XC4VFX20-11FFG672I XILINX-XC4VFX20-11FFG672I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
XC4VLX25-10SF363I XILINX-XC4VLX25-10SF363I Datasheet
224Kb / 9P
   Virtex-4 Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com